Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 27 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 27 Page - ABB

Back Button T1N080TL Datasheet HTML 23Page - ABB T1N080TL Datasheet HTML 24Page - ABB T1N080TL Datasheet HTML 25Page - ABB T1N080TL Datasheet HTML 26Page - ABB T1N080TL Datasheet HTML 27Page - ABB T1N080TL Datasheet HTML 28Page - ABB T1N080TL Datasheet HTML 29Page - ABB T1N080TL Datasheet HTML 30Page - ABB T1N080TL Datasheet HTML 31Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
24
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T5
T5
400A / 600A
Electronic (AC Only)
T5-300A Frame, Electronic Trip Unit (AC Only) 120-300A Adjustable Range
Breaker
IC at
600VAC
Trip
Unit
2-Pole, 600VAC
Part Number
List
Price
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T5N
18kA
PR221 LS/I
T5N300BW-2
T5N300BW
T5N300BW-4
PR222 LSI
T5N300CW-2
T5N300CW
T5N300CW-4
PR222 LSIG
T5N300EW-2
T5N300EW
T5N300EW-4
T5S
25kA
PR221 LS/I
T5S300BW
PR222 LSI
T5S300CW
PR222 LSIG
T5S300EW
T5H
35kA
PR221 LS/I
T5H300BW
T5H300BW-4
PR222 LSI
T5H300CW
T5H300CW-4
PR222 LSIG
T5H300EW
T5H300EW-4
T5L
65kA
PR221 LS/I
T5L300BW
PR222 LSI
T5L300CW
PR222 LSIG
T5L300EW
T5V
100kA
PR221 LS/I
T5V300BW
PR222 LSI
T5V300CW
PR222 LSIG
T5V300EW
T5-400A Frame, Electronic Trip Unit (AC Only) 160-400A Adjustable Range
Breaker
IC at
600VAC
Trip
Unit
2-Pole, 600VAC
Part Number
List
Price
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
18kA
PR221 LS/I
T5N400BW-2
T5N400BW
T5N400BW-4
T5N
PR222 LSI
T5N400CW-2
T5N400CW
T5N400CW-4
PR222 LSIG
T5N400EW-2
T5N400EW
T5N400EW-4
25kA
PR221 LS/I
T5S400BW
T5S
PR222 LSI
T5S400CW
PR222 LSIG
T5S400EW
T5H
35kA
PR221 LS/I
T5H400BW
T5H400BW-4
PR222 LSI
T5H400CW
T5H400CW-4
PR222 LSIG
T5H400EW
T5H400EW-4
65kA
PR221 LS/I
T5L400BW
T5L
PR222 LSI
T5L400CW
PR222 LSIG
T5L400EW
T5V
100kA
PR221 LS/I
T5V400BW
PR222 LSI
T5V400CW
PR222 LSIG
T5V400EW
Breaker
IC at
600VAC
Trip
Unit
3-Pole, 600VAC
Part Number
List
Price
18kA
PR221 LS/I
T5N600BW
T5N
PR222 LSI
T5N600CW
PR222 LSIG
T5N600EW
25kA
PR221 LS/I
T5S600BW
T5S
PR222 LSI
T5S600CW
PR222 LSIG
T5S600EW
35kA
PR221 LS/I
T5H600BW
T5H
PR222 LSI
T5H600CW
PR222 LSIG
T5H600EW
65kA
PR221 LS/I
T5L600BW
T5L
PR222 LSI
T5L600CW
PR222 LSIG
T5L600EW
100kA
PR221 LS/I
T5V600BW
T5V
PR222 LSI
T5V600CW
PR222 LSIG
T5V600EW
T5-600A Frame, Electronic Trip Unit (AC Only) 240-600A Adjustable Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com