Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 30 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 30 Page - ABB

Back Button T1N080TL Datasheet HTML 26Page - ABB T1N080TL Datasheet HTML 27Page - ABB T1N080TL Datasheet HTML 28Page - ABB T1N080TL Datasheet HTML 29Page - ABB T1N080TL Datasheet HTML 30Page - ABB T1N080TL Datasheet HTML 31Page - ABB T1N080TL Datasheet HTML 32Page - ABB T1N080TL Datasheet HTML 33Page - ABB T1N080TL Datasheet HTML 34Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
T5
ABB
Discount Schedule DS-ST
27
AC1615S - 03/10
T5
400A / 600A
MCP (Instantaneous Only), Molded Case Switch
T5-300/400A Frame, Motor Control Protection (MCP) Electronic Trip Unit (Ac Only)
Breaker
IC at
600VAC
Trip
Unit
Rating
Adjustment
Range
3-Pole, 600VAC/600VDC
Part Number
List
Price
T5N
18kA
PR221DS-I
300A
300-3000
T5N300E5W
400A
400-4000
T5N400E5W
T5S
25kA
PR221DS-I
300A
300-3000
T5S300E5W
400A
400-4000
T5S400E5W
T5H
55kA
PR221DS-I
300A
300-3000
T5H300E5W
400A
400-4000
T5H400E5W
T5L
65kA
PR221DS-I
300A
300-3000
T5L300E5W
400A
400-4000
T5L400E5W
T5-600A Frame, Motor Control Protection (MCP) Electronic Trip Unit (AC Only)
Breaker
IC at
600VAC
Trip
Unit
Rating
Adjustment
Range
3-Pole, 600VAC/600VDC
Part Number
List
Price
T5N
18kA
PR221DS-I
600A
600-6000
T5N600E5W
T5S
25kA
PR221DS-I
600A
600-6000
T5S600E5W
T5H
55kA
PR221DS-I
600A
600-6000
T5H600E5W
T5L
65kA
PR221DS-I
600A
600-6000
T5L600E5W
T5-400/600A Frame, Molded Case Switch
Type
IC at
600VAC
Amps
Magnetic
Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
4-Pole, 600VAC/600VDC
Part Number
List
Price
T5N-D
18kA
400
5000
T5N400DW
T5S-D
25kA
400
5000
T5S400DW
T5H-D
35kA
400
5000
T5H400DW
T5H400DW-4
T5L-D
65kA
400
5000
T5L400DW
T5V-D
100kA
400
5000
T5V400DW
T5N-D
18kA
600
6000
T5N600DW
T5S-D
25kA
600
6000
T5S600DW
T5H-D
35kA
600
6000
T5H600DW
T5L-D
65kA
600
6000
T5L600DW
T5V-D
100kA
600
6000
T5V600DW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com