Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 23 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 23 Page - ABB

Back Button T1N080TL Datasheet HTML 19Page - ABB T1N080TL Datasheet HTML 20Page - ABB T1N080TL Datasheet HTML 21Page - ABB T1N080TL Datasheet HTML 22Page - ABB T1N080TL Datasheet HTML 23Page - ABB T1N080TL Datasheet HTML 24Page - ABB T1N080TL Datasheet HTML 25Page - ABB T1N080TL Datasheet HTML 26Page - ABB T1N080TL Datasheet HTML 27Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
20
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T4
T4
250A, 600VAC ∆
Thermal-Magnetic Trip Units
Breaker
IC at
600VAC
Rating
Magnetic
Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
4-Pole, 600VAC/600VDC
Part Number
List
Price
T4N
18kA
20A
500
T4N020TW
T4N020TW-4
30A (21-30A)
500
T4N030TW
T4N030TW-4
40A (28-40A)
500
T4N040TW
T4N040TW-4
50A (35-50A)
500
T4N050TW
T4N050TW-4
80A (56-80A)
400-800
T4N080TW
T4N080TW-4
100A (70-100A)
500-1000
T4N100TW
T4N100TW-4
125A (88-125A)
625-1250
T4N125TW
T4N125TW-4
150A (105-150A)
750-1500
T4N150TW
T4N150TW-4
200A (140-200A)
1000-2000
T4N200TW
T4N200TW-4
250A (175-250A)
1250-2500
T4N250TW
T4N250TW-4
T4S
25kA
20A
500
T4S020TW
30A (21-30A)
500
T4S030TW
40A (28-40A)
500
T4S040TW
50A (35-50A)
500
T4S050TW
80A (56-80A)
400-800
T4S080TW
100A (70-100A)
500-1000
T4S100TW
125A (88-125A)
625-1250
T4S125TW
150A (105-150A)
750-1500
T4S150TW
200A (140-200A)
1000-2000
T4S200TW
250A (175-250A)
1250-2500
T4S250TW
T4H
UL Current Limiting
35kA
20A
500
T4H020TW
T4H020TW-4
30A (21-30A)
500
T4H030TW
T4H030TW-4
40A (28-40A)
500
T4H040TW
T4H040TW-4
50A (35-50A)
500
T4H050TW
T4H050TW-4
80A (56-80A)
400-800
T4H080TW
T4H080TW-4
100A (70-100A)
500-1000
T4H100TW
T4H100TW-4
125A (88-125A)
625-1250
T4H125TW
T4H125TW-4
150A (105-150A)
750-1500
T4H150TW
T4H150TW-4
200A (140-200A)
1000-2000
T4H200TW
T4H200TW-4
250A (175-250A)
1250-2500
T4H250TW
T4H250TW-4
T4L
65kA
20A
500
T4L020TW
30A (21-30A)
500
T4L030TW
40A (28-40A)
500
T4L040TW
50A (35-50A)
500
T4L050TW
80A (56-80A)
400-800
T4L080TW
100A (70-100A)
500-1000
T4L100TW
125A (88-125A)
625-1250
T4L125TW
150A (105-150A)
750-1500
T4L150TW
200A (140-200A)
1000-2000
T4L200TW
250A (175-250A)
1250-2500
T4L250TW
T4V
UL Current Limiting
100kA
20A
500
T4V020TW
30A (21-30A)
500
T4V030TW
40A (28-40A)
500
T4V040TW
50A (35-50A)
500
T4V050TW
80A (56-80A)
400-800
T4V080TW
100A (70-100A)
500-1000
T4V100TW
125A (88-125A)
625-1250
T4V125TW
150A (105-150A)
750-1500
T4V150TW
200A (140-200A)
1000-2000
T4V200TW
250A (175-250A)
1250-2500
T4V250TW
Breaker
IC at
600VAC
Rating
Magnetic
Trip
2-Pole, 600VAC/500VDC
Part Number
List
Price
T4N
18kA
30A (21-30A)
500
T4N030TW-2
40A (28-40A)
500
T4N040TW-2
50A (35-50A)
500
T4N050TW-2
80A (56-80A)
400-800
T4N080TW-2
100A (70-100A)
500-1000
T4N100TW-2
125A (88-125A)
625-1250
T4N125TW-2
150A (100-150A)
750-1500
T4N150TW-2
200A (140-200A)
1000-2000
T4N200TW-2
250A (175-250A)
1250-2500
T4N250TW-2
T4-250A Frame, Thermal-Magnetic Trip Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com