Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 33 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 33 Page - ABB

Back Button T1N080TL Datasheet HTML 29Page - ABB T1N080TL Datasheet HTML 30Page - ABB T1N080TL Datasheet HTML 31Page - ABB T1N080TL Datasheet HTML 32Page - ABB T1N080TL Datasheet HTML 33Page - ABB T1N080TL Datasheet HTML 34Page - ABB T1N080TL Datasheet HTML 35Page - ABB T1N080TL Datasheet HTML 36Page - ABB T1N080TL Datasheet HTML 37Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
30
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T6
T6
600A / 800A, 600VAC ∆
Electronic & Thermal-Magnetic
T6-600A Frame, Motor Control Protection (MCP) Electronic Trip Unit (AC
Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment Range
3-Pole, 600VAC
Part Number
List
Price
T6N
20kA
PR221 DS-I
600-6000
T6N600E5W
T6S
25kA
PR221 DS-I
600-6000
T6S600E5W
T6H
35kA
PR221 DS-I
600-6000
T6H600E5W
T6L
42kA
PR221 DS-I
600-6000
T6L600E5W
T6-800A Frame, Motor Control Protection (MCP) Electronic Trip Unit (AC
Only)
Breaker
IC at
600VAC
Trip
Unit
Adjustment Range
3-Pole, 600VAC
Part Number
List
Price
T6N
20kA
PR221 DS-I
800-8000
T6N800E5W
T6S
25kA
PR221 DS-I
800-8000
T6S800E5W
T6H
35kA
PR221 DS-I
800-8000
T6H800E5W
T6L
42kA
PR221 DS-I
800-8000
T6L800E5W
T6-800A Frame, Molded Case Switch
Breaker
IC at
600VAC
Amp
Magnetic Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
4-Pole, 600VAC/600VDC
Part Number
List
Price
T6H
35kA
800
10,000
T6H800DW
T6H800DW-4
T6-600/800A Frame, 100% Rated Thermal-Magnetic Trip Unit
Breaker
IC at
600VAC
Rating
Magnetic Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
T6N
20kA
600A
3000 - 6000A
T6NQ600TW
800A
4000 - 8000A
T6NQ800TW
T6S
25kA
600A
3000 - 6000A
T6SQ600TW
800A
4000 - 8000A
T6SQ800TW
T6H
35kA
600A
3000 - 6000A
T6HQ600TW
800A
4000 - 8000A
T6HQ800TW
T6L
42kA
600A
3000 - 6000A
T6LQ600TW
800A
4000 - 8000A
T6LQ800TW
T6-600/800A Frame, Thermal-Magnetic Trip Unit
Breaker
IC at
600VAC
Rating
Magnetic Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
4-Pole, 600VAC/600VDC
Part Number
List
Price
T6N
20kA
600A
3000 - 6000A
T6N600TW
T6N600TW-4
800A
4000 - 8000A
T6N800TW
T6N800TW-4
T6S
25kA
600A
3000 - 6000A
T6S600TW
800A
4000 - 8000A
T6S800TW
T6H
35kA
600A
3000 - 6000A
T6H600TW
T6H600TW-4
800A
4000 - 8000A
T6H800TW
T6H800TW-4
T6L
42kA
600A
3000 - 6000A
T6L600TW
800A
4000 - 8000A
T6L800TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com