Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 61 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 61 Page - ABB

Back Button T1N080TL Datasheet HTML 57Page - ABB T1N080TL Datasheet HTML 58Page - ABB T1N080TL Datasheet HTML 59Page - ABB T1N080TL Datasheet HTML 60Page - ABB T1N080TL Datasheet HTML 61Page - ABB T1N080TL Datasheet HTML 62Page - ABB T1N080TL Datasheet HTML 63Page - ABB T1N080TL Datasheet HTML 64Page - ABB T1N080TL Datasheet HTML 65Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
58
Discount Schedule DS-STA
ABB
AC1615S - 03/10
Acc.
KT4PMK (on back of
breaker)
KT4PFVR
KT2PFF + KT2PMK (on back of breaker) +
breaker
Accessories
Mechanical T1-T6
Plug-In Kits (1)
Frame
Part Number
Adapter Moving Part
List
Price
Part Number
Fixed Part
List
Price
T2 - 3 pole with front terminals
KT2PMK
KT2PFF
T2 - 4 pole with front terminals
KT2PMK-4
KT2PFF-4
T3 - 3 pole with front terminals
KT3PMK
KT3PFF
T3 - 4 pole with front terminals
KT3PMK-4
KT3PFF-4
Ts3 - 3 pole with extended front terminals
KTs3PFF
Ts3 - 3 pole with rear terminals
KTs3PMK
KTs3PFR
Ts3 - 4 pole with extended front terminals
KTs3PFF-4
Ts3 - 4 pole with rear terminals
KTs3PMK-4
KTs3PFR-4
T4 - 3 pole with extended front terminals
KT4PFEF
T4 - 3 pole with rear horizontal terminals
KT4PMK
KT4PFHR
T4 - 3 pole with rear vertical terminals
KT4PFVR
T4 - 3 pole with extended front terminals
KT4PFEF-4
T4 - 3 pole with rear horizontal terminals
KT4PMK-4
KT4PFHR-4
T4 - 3 pole with rear vertical terminals
KT4PFVR-4
T5 400A - 3 pole with extended front terminals
KT5PFEF
T5 400A - 3 pole with rear horizontal terminals
KT5PMK
KT5PFHR
T5 400A - 3 pole with rear vertical terminals
KT5PFVR
T5 400A - 4 pole with extended front terminals
KT5PFEF-4
T5 400A - 4 pole with rear horizontal terminals
KT5PMK-4
KT5PFHR-4
T5 400A - 4 pole with rear vertical terminals
KT5PFVR-4
T5 600A - 3 pole with extended front terminals
KT5PFEF6
T5 600A - 3 pole with rear horizontal terminals
KT5PMK6
KT5PFHR6
T5 600A - 3 pole with rear vertical terminals
KT5PFVR6
T5 600A - 4 pole with extended front terminals
KT5PFEF6-4
T5 600A - 4 pole with rear horizontal terminals
KT5PMK6-4
KT56PFHR6-4
T5 600A - 4 pole with rear vertical terminals
KT5PFVR6-4
(1) Plug connectors (T2-T3), adaptors (T4-T5-T6), required when adding accessories to plug-in breakers.
Plug Connectors, T2-T3 (1)
Required when adding accessories to plug-in breakers
Plug Connector
Part
Number
List
Price
Shunt trip or UVR
KT3PC-3
1 form C plus 1 BA
KT3PC-6
3 form C plus 1 BA
KT3PC-12
Adaptors, T4-T5-T6 (1)
Required when adding accessories to plug-in or drawout breakers
Adaptors
Part
Number
List
Price
1 form C plus 1 BA
KT6ADP-6
Shunt trip/UVR
KT6ADP-5
Stored energy operator
KT6ADP-10
Stored energy operator plus shunt trip/UVR
KT6ADP-10
3 form C plus 1BA
KT6ADP-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com