Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 62 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 62 Page - ABB

Back Button T1N080TL Datasheet HTML 58Page - ABB T1N080TL Datasheet HTML 59Page - ABB T1N080TL Datasheet HTML 60Page - ABB T1N080TL Datasheet HTML 61Page - ABB T1N080TL Datasheet HTML 62Page - ABB T1N080TL Datasheet HTML 63Page - ABB T1N080TL Datasheet HTML 64Page - ABB T1N080TL Datasheet HTML 65Page - ABB T1N080TL Datasheet HTML 66Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
ABB
Discount Schedule DS-STA
59
AC1615S - 03/10
Acc.
KT4WMK (on back of
breaker)
KT5WFVR
Accessories
Mechanical T1-T6
Draw-Out Kits
Item
Part Number
Adaptor Moving Part
List
Price
Part Number
Fixed Part
List
Price
TS3 - 3 pole with front terminals
KTs3WFF
TS3 - 3 pole with front cable terminals
KTs3WMK
KTs3WFC
TS3 - 3 pole with rear terminals
KTs3WFR
TS3 - 4 pole with front terminals
KTs3WFF-4
TS3 - 4 pole with front cable terminals
KTs3WMK-4
KTs3WFC-4
TS3 - 4 pole with rear terminals
KTs3WFR-4
T4 - 3 pole with extended front terminals
KT4WFEF
T4 - 3 pole with rear horizontal terminals
KT4WMK
KT4WFHR
T4 - 3 pole with rear vertical terminals
KT4WFVR
T4 - 4 pole with extended front terminals
KT4WFEF-4
T4 - 4 pole with rear horizontal terminals
KT4WMK-4
KT4WFHR-4
T4 - 4 pole with rear vertical terminals
KT4WFVR-4
T5 - 400A 3 pole with extended front terminals
KT5WFEF
T5 - 400A 3 pole with rear horizontal terminals
KT5WMK
KT5WFHR
T5 - 400A 3 pole with rear vertical terminals
KT5WFVR
T5 - 400A 4 pole with front extended terminals
KT5WFEF-4
T5 - 400A 4 pole with rear horizontal terminals
KT5WMK-4
KT5WFHR-4
T5 - 400A 4 pole with rear vertical terminals
KT5WFVR-4
T5 - 600A 3 pole with extended front terminals
KT5WFEF6
T5 - 600A 3 pole with rear horizontal terminals
KT5WMK6
KT5WFHR6
T5 - 600A 3 pole with rear vertical terminals
KT5WFVR6
T5 - 600A 4 pole with extended front terminals
KT5WFEF6-4
T5 - 600A 4 pole with rear horizontal terminals
KT5WMK6-4
KT5WFHR6-4
T5 - 600A 4 pole with rear vertical terminals
KT5WFVR6-4
T6 - 800A 3 pole with extended front terminals
KT6WFEF
T6 - 800A 3 pole with rear horizontal terminals
KT6WMK
KT6WFHR
T6 - 800A 3 pole with rear vertical terminals
KT6WFVR
T6 - 800A 4 pole with extended front terminals
KT6WFEF-4
T6 - 800A 4 pole with rear horizontal terminals
KT6WMK-4
KT6WFHR-4
T6 - 800A 4 pole with rear vertical terminals
KT6WFVR-4
Adaptors — T4-T5-T6 (1)
Required when adding accessories to plug-in or drawout breakers
Adaptors
Part
Number
List
Price
1 form C plus 1 BA
KT6ADP-6
Shunt trip/UVR
KT6ADP-5
Stored energy operator
KT6ADP-10
Stored energy operator plus shunt trip/UVR
KT6ADP-10
3 form C plus 1BA
KT6ADP-12
(1) Adaptors (T4-T5-T6), required when adding accessories to draw-out breakers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com