Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 24 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 24 Page - ABB

Back Button T1N080TL Datasheet HTML 20Page - ABB T1N080TL Datasheet HTML 21Page - ABB T1N080TL Datasheet HTML 22Page - ABB T1N080TL Datasheet HTML 23Page - ABB T1N080TL Datasheet HTML 24Page - ABB T1N080TL Datasheet HTML 25Page - ABB T1N080TL Datasheet HTML 26Page - ABB T1N080TL Datasheet HTML 27Page - ABB T1N080TL Datasheet HTML 28Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
T4
ABB
Discount Schedule DS-ST
21
AC1615S - 03/10
T4
250A, 600VAC
100% Rated Thermal-Magnetic Trip Units
T4-250A Frame, 100% Rated Thermal-Magnetic Trip Unit
Breaker
IC at
600VAC
Rating
Magnetic
Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
T4NQ
18kA
20A
500
T4NQ020TW
30A (21-30A)
500
T4NQ030TW
40A (28-40A)
500
T4NQ040TW
50A (35-50A)
500
T4NQ050TW
80A (56-80A)
400-800
T4NQ080TW
100A (70-100A)
500-1000
T4NQ100TW
125A (88-125A)
625-1250
T4NQ125TW
150A (105-150A)
750-1500
T4NQ150TW
200A (140-200A)
1000-2000
T4NQ200TW
250A (175-250A)
1250-2500
T4NQ250TW
T4SQ
25kA
20A
500
T4SQ020TW
30A (21-30A)
500
T4SQ030TW
40A (28-40A)
500
T4SQ040TW
50A (35-50A)
500
T4SQ050TW
80A (56-80A)
400-800
T4SQ080TW
100A (70-100A)
500-1000
T4SQ100TW
125A (88-125A)
625-1250
T4SQ125TW
150A (105-150A)
750-1500
T4SQ150TW
200A (140-200A)
1000-2000
T4SQ200TW
250A (175-250A)
1250-2500
T4SQ250TW
T4HQ
35kA
20A
500
T4HQ020TW
30A (21-30A)
500
T4HQ030TW
40A (28-40A)
500
T4HQ040TW
50A (35-50A)
500
T4HQ050TW
80A (56-80A)
400-800
T4HQ080TW
100A (70-100A)
500-1000
T4HQ100TW
125A (88-125A)
625-1250
T4HQ125TW
150A (105-150A)
750-1500
T4HQ150TW
200A (140-200A)
1000-2000
T4HQ200TW
250A (175-250A)
1250-2500
T4HQ250TW
T4LQ
65kA
20A
500
T4LQ020TW
30A (21-30A)
500
T4LQ030TW
40A (28-40A)
500
T4LQ040TW
50A (35-50A)
500
T4LQ050TW
80A (56-80A)
400-800
T4LQ080TW
100A (70-100A)
500-1000
T4LQ100TW
125A (88-125A)
625-1250
T4LQ125TW
150A (105-150A)
750-1500
T4LQ150TW
200A (140-200A)
1000-2000
T4LQ200TW
250A (175-250A)
1250-2500
T4LQ250TW
T4VQ
100kA
20A
500
T4VQ020TW
30A (21-30A)
500
T4VQ030TW
40A (28-40A)
500
T4VQ040TW
50A (35-50A)
500
T4VQ050TW
80A (56-80A)
400-800
T4VQ080TW
100A (70-100A)
500-1000
T4VQ100TW
125A (88-125A)
625-1250
T4VQ125TW
150A (105-150A)
750-1500
T4VQ150TW
200A (140-200A)
1000-2000
T4VQ200TW
250A (175-250A)
1250-2500
T4VQ250TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com