Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 55 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 55 Page - ABB

Back Button T1N080TL Datasheet HTML 51Page - ABB T1N080TL Datasheet HTML 52Page - ABB T1N080TL Datasheet HTML 53Page - ABB T1N080TL Datasheet HTML 54Page - ABB T1N080TL Datasheet HTML 55Page - ABB T1N080TL Datasheet HTML 56Page - ABB T1N080TL Datasheet HTML 57Page - ABB T1N080TL Datasheet HTML 58Page - ABB T1N080TL Datasheet HTML 59Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
52
ABB
AC1615S - 03/10
Acc.
Technical Data
Shunt Trips/Undervoltages
Standard Shunt Trip
Voltage
Inrush Power Consumption
T1,T2,T3
Ts3
T4,T5,T6
T7
AC (VA)
DC (W)
AC (VA)
DC (W)
AC (VA)
DC (W)
AC (VA)
DC (W)
12 VDC
-
50
-
120
-
150
-
-
24 VAC/DC
-
-
100
100 or 4 (1)
-
-
300
300
24…30 VAC/DC
50
50
-
-
150
150
-
-
30 VAC/DC
-
-
-
-
-
-
300
300
48 VAC/DC
-
-
-
120
-
-
300
300
48…60 VAC/DC
60
60
-
-
150
150
-
-
60 VAC/DC
------
300
300
100…120 VAC/DC
-
-
100 or 4 (1)
-
-
-
300
300
120…127 VAC/DC
-
-
-
-
-
-
300
300
110…127 VAC 110…125 VDC
50
50
-
120
150
150
-
-
220…240 VAC/DC
-
-
-
-
-
-
300
300
220…240 VAC 220…250 VDC
50
50
100
120
150
150
-
-
240…250 VAC/DC
-
-
-
-
-
-
300
300
380…400 VAC
-
-
-
-
-
-
300
-
380…440 VAC
55
-
-
-
150
-
-
-
415…440 VAC
-
-
----
300
-
480 VAC
-
-
100
-
-
-
-
-
480…525 VAC
55
-
-
-
150
-
-
-
Opening Time (ms)
15
15
≤15
≤15
15
15
20
20
Permanent Supply Shunt Trip
Voltage
T4,T5,T6
AC (VA)
DC (W)
24 VAC/DC
4
4
100…120 VAC
4
-
Undervoltage
Voltage
Power Consumption During Permanent Operation
T1,T2,T3
Ts3
T4, T5, T6
T7
AC (VA)
DC (W)
AC (VA)
DC (W)
AC (VA)
DC (W)
AC (VA)
DC (W)
24 VAC/DC
-
-
6
3
-
-
3.5
3.5
24…30 VAC/DC
1.5
1.5
-
-
6
3
-
-
30 VAC/DC
------
3.5
3.5
48 VAC/DC
1
1
6
3
6
3
-
-
60 VAV/DC
1
1
-
-
6
3
-
-
110…120 VAC/DC
-
-
6
-
-
-
3.5
3.5
120…127 VAC/DC
-
-
----
3.5
3.5
110…127 VAC 110…125 VDC
2
2
-
-
6
3
-
-
220…240 VAC/DC
-
-
----
3.5
3.5
220…240 VAC 220…250 VDC
2.5
2.5
-
3
6
3
-
-
220…250 VAC
-
-
6
-
-
-
-
-
240…250 VAC/DC
-
-----
3.5
3.5
380…400 VAC
------
3.5
-
380…440 VAC
3
-
-
-
6
-
-
-
415 - 440 VAC
------
3.5
-
480…525 VAC
4
-
-
-
6
-
-
-
480 VAC
-
-
6
-
-
-
-
-
Opening Time (ms)
15
15
≤18
≤18
≤25
≤25
≤25
≤25
(1) Shunt trip permanent supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com