Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 51 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 51 Page - ABB

Back Button T1N080TL Datasheet HTML 47Page - ABB T1N080TL Datasheet HTML 48Page - ABB T1N080TL Datasheet HTML 49Page - ABB T1N080TL Datasheet HTML 50Page - ABB T1N080TL Datasheet HTML 51Page - ABB T1N080TL Datasheet HTML 52Page - ABB T1N080TL Datasheet HTML 53Page - ABB T1N080TL Datasheet HTML 54Page - ABB T1N080TL Datasheet HTML 55Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
48
Discount Schedule DS-STA
ABB
AC1615S - 03/10
Acc.
Accessories
Electrical
T1-T6
KT3U2
Undervoltage Release - UVR
Will trip circuit breaker when connected voltage drops to 35-70% of the undervoltage release
voltage rating. Will allow circuit breaker to close when voltage is approximately 85% of the
rated voltage. T1-T6 mounts in the left hand cavity cannot be used with shunt trip on 2-3P breakers
Factory Installation (1)
Field Installation
Frame Size
Voltage
Part Number
Suffix
List Price
Adder
Part
Number
List
Price
T1-T2-T3
480 - 500VAC
U1
KT3U1
220-250VAC/DC
U2
KT3U2
380 - 440VAC
U3
KT3U3
110 - 125VAC/DC
U4
KT3U4
60VAC/DC
U5
KT3U5
48VAC/DC
U7
KT3U7
24 - 30VAC/DC
U8
KT3U8
Ts3
480VAC
U1
KTs3U1
240VAC
U2
KTs3U2
24VAC
U3
KTs3U3
120VAC
U4
KTs3U4
250VDC
U5
KTs3U5
125VDC
U6
KTs3U6
48VDC
U7
KTs3U7
24VDC
U8
KTs3U8
T4-T5-T6
480-500VAC
U1
KT6U1
220/250VAC/DC
U2
KT6U2
380-440VAC
U3
KT6U3
110-125VAC/DC
U4
KT6U4
60VAC/DC
U5
KT6U5
48VAC/DC
U7
KT6U7
24VAC/DC
U8
KT6U8
Undervoltage Trip Connector (Required for Ts3) (2)
Ts3
Fixed Mount
Not required for factory installed
KTs3C-SU
Plug-In/Draw-out
Not required for factory installed
KTs3C-SUP
(1) Add suffix to circuit breaker part number. See p.4 for more details.
(2) Must be ordered separately for field installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com