Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 7 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 7 Page - ABB

Back Button T1N080TL Datasheet HTML 3Page - ABB T1N080TL Datasheet HTML 4Page - ABB T1N080TL Datasheet HTML 5Page - ABB T1N080TL Datasheet HTML 6Page - ABB T1N080TL Datasheet HTML 7Page - ABB T1N080TL Datasheet HTML 8Page - ABB T1N080TL Datasheet HTML 9Page - ABB T1N080TL Datasheet HTML 10Page - ABB T1N080TL Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
4
ABB
AC1615S - 03/10
Tmax
T3 S 080 T W - 4 xxx
Interrupting Rating Class
B = Basic
N = Normal
S = Standard
H = High
L = Extra High
V = Very high
Current Rating
015 = 15A
080 = 80A
100 = 100A
225 = 225A
250 = 250A
400 = 400A
600 = 600A
800 = 800A
1000 = 1000A
1200 = 1200A
Trip Unit Function
B
= LS/I (AC only)
D
= Molded Case Switch (MCS)
T
= Thermal-magnetic
M
= Magnetic only (MCP)
E5 = Electronic MCP (AC only)
C
= LSI (AC only)
E
= LSIG (AC only)
P
= PR332/P LI
R
= PR332/P LSI
S
= PR332/P LSIG
Type Connectors
W = None
L = Lugs on top/bottom termi-
nals
T = Lugs on top terminal
B = Lugs on bottom terminal
Number Of Poles
-1 = 1 pole (T1 only)
-2 = 2 pole
-4 = 4 pole
None = 3 pole
Accessories (Added In Alpha-Numeric Order) (1)
A = Auxiliary Switch
S_ = Shunt trip with voltage code
U_ = Undervoltage release with voltage code
Frame Size
T1 = 100A
T2 = 100A
T3 = 225A
Ts3 = 225A
T4 = 250A
T5 = 400A, 600A
T6 = 600A, 800A
T7
(2) = 1000A, 1200A
T8
(3) = 1600A
= 2000A
= 2500A
= 3000A
16
= 1600A
20
= 2000A
25
= 2500A
30
= 3000A
(1) Consult ABB for factory installed accessories.
(2) For T7, refer to page 40
(3) For T8, refer to page 46
General Information
Catalog Number Explanation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com