Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 59 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 59 Page - ABB

Back Button T1N080TL Datasheet HTML 55Page - ABB T1N080TL Datasheet HTML 56Page - ABB T1N080TL Datasheet HTML 57Page - ABB T1N080TL Datasheet HTML 58Page - ABB T1N080TL Datasheet HTML 59Page - ABB T1N080TL Datasheet HTML 60Page - ABB T1N080TL Datasheet HTML 61Page - ABB T1N080TL Datasheet HTML 62Page - ABB T1N080TL Datasheet HTML 63Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
56
Discount Schedule DS-STA
ABB
AC1615S - 03/10
Acc.
Accessories
Mechanical T1-T6
Locking Devices and Handle Operators
OHB65J6
Variable Depth Handle Operators
Frame
NEMA Rating
Mechanism
Part Number
List
Price
Shaft Part Number
List
Price
Handle
Part Number
List
Price
T1-T2-T3
1, 3R, 12
KT3VD-M
OXP6X430 (16.9”)
OHB65J6
OHY65J6
4, 4X
OHB80L6
OHY80L6
1
KT3VD-S (11.8”)
KT3VD-H
Ts3
1, 3R, 12
KTs3VD-M
OXP10X500 (19.7")
OHB125J10X
4, 4X
OHB125L10
1
KTs3VD-S (20")
KTs3VD-H
T4-T5
1, 3R, 12
KT5VD-M
OXP10X500 (19.7")
OHB125J10X
OHB125L10
4, 4X
1
KT5VD-S (19.7")
KT5VD-H
T6
1, 3R, 12
KT6VD-M
OXP10X500 (19.7")
OHB125J10X
4, 4X
OHB125L10
1
KT5VD-S (19.7")
KT6VD-H
Note: Discount schedule DS-H applies for part-numbers starting with OH and OX
Direct Mount Rotary
Frame
Breaker
Mounting
Part
Number
List
Price
T1-T2-T3
Fixed, Plug-In
Fixed, Plug-In
Draw-Out
Fixed, Plug-In
Draw-Out
Fixed, Plug-In
Draw-Out
KT3RH
Ts3
KTs3RH
Ts3
KTs3RHW
T4-T5
KT5RH
T4-T5
KT5RHW
T6
KT6RH
T6
KT6RHW
Early Make Contact
Frame
Part
Number
List
Price
T2-T3
T4-T5
T6
KT3EM
KT5EM
KT6EM
KT5RH
KT5VD-M, KT5VD-S, KT5VD-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com