Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 12 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 12 Page - ABB

Back Button T1N080TL Datasheet HTML 8Page - ABB T1N080TL Datasheet HTML 9Page - ABB T1N080TL Datasheet HTML 10Page - ABB T1N080TL Datasheet HTML 11Page - ABB T1N080TL Datasheet HTML 12Page - ABB T1N080TL Datasheet HTML 13Page - ABB T1N080TL Datasheet HTML 14Page - ABB T1N080TL Datasheet HTML 15Page - ABB T1N080TL Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
ABB
Discount Schedule DS-ST
9
AC1615S - 03/10
T2
25A
T2S025BW
T2S025BW-4
T2S
35kA
PR221DS-LS/I
60A
T2S060BW
T2S060BW-4
100A
T2S100BW
T2S100BW-4
T2H
25A
T2H025BW
T2H025BW-4
UL Current Limiting
65kA
PR221DS-LS/I
60A
T2H060BW
T2H060BW-4
100A
T2H100BW
T2H100BW-4
Breaker
IC at
Trip Unit
CT
3-Pole, 480VAC
List
4-Pole, 480VAC
List
480VAC
Type
Rating
Part Number
Price
Part Number
Price
T2-100A Frame, Electronic Trip Unit (AC Only)
20A
120 - 240
T2S020MW
T2S
35kA
Mag only
50A
300 - 600
T2S050MW
100A
600 – 1200
T2S100MW
20A
120 - 240
T2H020MW
T2H
65kA
Mag only
50A
300 - 600
T2H050MW
100A
600 – 1200
T2H100MW
Breaker
IC at
Trip Unit
Rating
Adjustment
3-Pole, 480VAC
List
480VAC
Type
Range
Part Number
Price
T2 -100A Frame, Motor Control Protection (MCP) Magnetic Only Trip Unit
Breaker
IC at
Trip Unit
Rating
Adjustment
3-Pole, 480VAC
List
480VAC
Type
Range
Part Number
Price
35kA
Instantaneous
25A
25 - 250
T2S025E5W
T2S
only
60A
60 - 600
T2S060E5W
100A
100 - 1000
T2S100E5W
65kA
Instantaneous
25A
25 - 250
T2H025E5W
T2H
only
60A
60 - 600
T2H060E5W
100A
100 - 1000
T2H100E5W
T2 -100A Frame, Motor Control Protection (MCP) Magnetic Only Electronic Trip Unit (AC Only)
T2
100A, 480VAC ∆
Electronic/Current Limiting, 100% Rated, MCP
25A
T2SQ025BW
T2SQ
35kA
PR221DS-LS/I
60A
T2SQ060BW
100A
T2SQ100BW
T2HQ
25A
T2HQ025BW
UL Current Limiting
65kA
PR221DS-LS/I
60A
T2HQ060BW
100A
T2HQ100BW
Breaker
IC at
Trip Unit
CT
3-Pole, 480VAC
List
480VAC
Type
Rating
Part Number
Price
T2-100A Frame, 100% Rated Electronic Trip Unit (AC Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com