Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 31 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 31 Page - ABB

Back Button T1N080TL Datasheet HTML 27Page - ABB T1N080TL Datasheet HTML 28Page - ABB T1N080TL Datasheet HTML 29Page - ABB T1N080TL Datasheet HTML 30Page - ABB T1N080TL Datasheet HTML 31Page - ABB T1N080TL Datasheet HTML 32Page - ABB T1N080TL Datasheet HTML 33Page - ABB T1N080TL Datasheet HTML 34Page - ABB T1N080TL Datasheet HTML 35Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
28
ABB
AC1615S - 03/10
T6
T6
600A / 800A, 600VAC ∆
Electronic & Thermal-Magnetic
T6
General
The T6 breaker is an 800 amp frame with either a microprocessor based
over current protective trip system or a thermal magnetic trip unit. The T6 is
available as a 600 or 800A frame.
Standards
The UL489/CSA C22.2 No. 5 version of T6 also carries an IEC-60947-2 rating.
Versions
To meet all application requirements, the T6 is available in the following
versions:
T = Thermal-magnetic, fixed
B = Selectable & adjustable LI or LS
C = Adjustable LSI
E = Adjustable LSIG
D = Molded Case Switch
E5 = Electronic instantaneous only (MCP)
Trip Functions
These trip functions are available:
L = Long time
S = Short time
I
= Instantaneous
G = Ground fault
Performance Levels
Each version is also available in different maximum fault interrupting levels:
N = Normal
S = Standard
H = High
L = Extra high
Number of Poles (3)
The T6 is available as a 3 and 4 pole breaker.
4 poles only available in N or H version.
Reverse Feeding
All versions of the T6 family are suitable for reverse feed application.
Dimensions
3P Fixed Version 10.55H x 8.26W x
4.07D
Weight
20.9 (Ibs)
UL489 / CSA C22.2 Interrupting Capacity (kA RMS)
Voltage
NS
H
L
240VAC
65
100
200
200
480VAC
35
50
65
100
600VAC
20
25
35
42
500VDC (1)
35
35
50
65
600VDC (2)
20
20
35
50
(1) 2 poles in series.
(2) 3 poles in series.
(3) 4 pole available N and H version only.
IEC 60947-2 Interrupting Capacity (kA RMS)
Voltage
NS
H
L
230VAC
70
85
100
200
415VAC
36
50
70
100
600VAC
20
22
25
30
750VDC (2)
16
20
36
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com