Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 34 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 34 Page - ABB

Back Button T1N080TL Datasheet HTML 30Page - ABB T1N080TL Datasheet HTML 31Page - ABB T1N080TL Datasheet HTML 32Page - ABB T1N080TL Datasheet HTML 33Page - ABB T1N080TL Datasheet HTML 34Page - ABB T1N080TL Datasheet HTML 35Page - ABB T1N080TL Datasheet HTML 36Page - ABB T1N080TL Datasheet HTML 37Page - ABB T1N080TL Datasheet HTML 38Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
ABB
31
AC1615S - 03/10
T7
T7-T7M
1000A / 1200A, 600VAC ∆
Electronic (AC Only)
T7
General
The T7 breaker is a 1200 amp frame with a microprocessor based over current
protective trip system.
Available in 2 versions: T7 for toggle operated, T7M for motor operated
Standards
The UL489/CSA C22.2 No. 5 version of T7 also carries an IEC-60947-2 rating.
Versions
To meet all application requirements, the T7 is available in the following
versions:
B = PR231-LS/I adjustable (dip switch)
C = PR232-LSI adjustable (dip switch)
E = PR331-LSIG adjustable (dip switch)
D = Moulded Case Switch
P = PR332-LI adjustable (keypad + LCD display)
R = PR332-LSI adjustable (keypad + LCD display)
S = PR332-LSIG adjustable (keypad + LCD display)
Trip Functions
These trip functions are available:
L = Long time
S = Short time
I = Instantaneous
G = Ground fault
Performance Levels
Each version is also available in different maximum fault interrupting levels:
S = Standard
H = High
L = Extra high
Number of Poles
The T7 is available as a 3 and 4 pole breaker.
Dimensions
3P Fixed Version 10.55H x 8.26W x 6.07D (1)
Weight
21.4 (Ibs)
UL489 / CSA C22.2 Interrupting Capacity (kA RMS)
Voltage
SH
L
240VAC
65
100
150
480VAC
50
65
100
600VAC
25
50
65
IEC 60947-2 Interrupting Capacity (kA RMS)
Voltage
SH
L
230VAC
85
100
200
415VAC
50
70
120
690VAC
30
42
50
(1) Toggle type (dimensions of toggle not included)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com