Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 29 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 29 Page - ABB

Back Button T1N080TL Datasheet HTML 25Page - ABB T1N080TL Datasheet HTML 26Page - ABB T1N080TL Datasheet HTML 27Page - ABB T1N080TL Datasheet HTML 28Page - ABB T1N080TL Datasheet HTML 29Page - ABB T1N080TL Datasheet HTML 30Page - ABB T1N080TL Datasheet HTML 31Page - ABB T1N080TL Datasheet HTML 32Page - ABB T1N080TL Datasheet HTML 33Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
26
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T5
T5
400A, 600VAC ∆
Thermal-Magnetic (1)
T5-300/400A Frame, Thermal-Magnetic Trip Unit
Breaker
IC at
600VAC
Rating
Magnetic
Trip
2-Pole, 600VAC/500VDC
Part Number
List
Price
3-Pole, 600VAC/600VDC
Part Number
List
Price
4-Pole, 600VAC/600VDC
Part Number
List
Price
T5N
18kA
300A
1500-3000
T5N300TW-2
T5N300TW
T5N300TW-4
400A
2000-4000
T5N400TW-2
T5N400TW
T5N400TW-4
T5S
25kA
300A
1500-3000
T5S300TW
T5S300TW-4
400A
2000-4000
T5S400TW
T5S400TW-4
T5H
35kA
300A
1500-3000
T5H300TW
T5H300TW-4
400A
2000-4000
T5H400TW
T5H400TW-4
T5L
65kA
300A
1500-3000
T5L300TW
T5L300TW-4
400A
2000-4000
T5L400TW
T5L400TW-4
T5V
100kA
300A
1500-3000
T5V300TW
T5V300TW-4
400A
2000-4000
T5V400TW
T5V400TW-4
T5-300/400A Frames, 100% Rated, Thermal-Magnetic Trip Unit
Breaker
IC at
600VAC
Rating
Magnetic
Trip
3-Pole, 600VAC/500VDC
Part Number
List
Price
T5N
18kA
300A
1500-3000
T5NQ300TW
400A
2000-4000
T5NQ400TW
T5S
25kA
300A
1500-3000
T5SQ300TW
400A
2000-4000
T5SQ400TW
T5H
35kA
300A
1500-3000
T5HQ300TW
400A
2000-4000
T5HQ400TW
T5L
65kA
300A
1500-3000
T5LQ300TW
400A
2000-4000
T5LQ400TW
T5V
100kA
300A
1500-3000
T5VQ300TW
400A
2000-4000
T5VQ400TW
(1) T5 600A not available with thermal-magnetic trip unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com