Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 11 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 11 Page - ABB

Back Button T1N080TL Datasheet HTML 7Page - ABB T1N080TL Datasheet HTML 8Page - ABB T1N080TL Datasheet HTML 9Page - ABB T1N080TL Datasheet HTML 10Page - ABB T1N080TL Datasheet HTML 11Page - ABB T1N080TL Datasheet HTML 12Page - ABB T1N080TL Datasheet HTML 13Page - ABB T1N080TL Datasheet HTML 14Page - ABB T1N080TL Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
8
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T2
Breaker
IC at
Rating
Magnetic
3-Pole, 480VAC
List
4-Pole, 480VAC
List
480VAC
Trip
Part Number
Price
Part Number
Price
T2
100A, 480VAC ∆
Thermal-Magnetic/Current Limiting
15A
500A
T2S015TW
T2S015TW-4
20A
500A
T2S020TW
T2S020TW-4
25A
500A
T2S025TW
T2S025TW-4
30A
500A
T2S030TW
T2S030TW-4
40A
500A
T2S040TW
T2S040TW-4
T2S
35kA
50A
500A
T2S050TW
T2S050TW-4
60A
600A
T2S060TW
T2S060TW-4
70A
700A
T2S070TW
T2S070TW-4
80A
800A
T2S080TW
T2S080TW-4
90A
900A
T2S090TW
T2S090TW-4
100A
1000A
T2S100TW
T2S100TW-4
T2-100A Frame, Thermal-Magnetic Trip Unit Fixed
15A
500A
T2H015TW
T2H015TW-4
20A
500A
T2H020TW
T2H020TW-4
25A
500A
T2H025TW
T2H025TW-4
30A
500A
T2H030TW
T2H030TW-4
40A
500A
T2H040TW
T2H040TW-4
T2H
65kA
50A
500A
T2H050TW
T2H050TW-4
UL Current Limiting
60A
600A
T2H060TW
T2H060TW-4
70A
700A
T2H070TW
T2H070TW-4
80A
800A
T2H080TW
T2H080TW-4
90A
900A
T2H090TW
T2H090TW-4
100A
1000A
T2H100TW
T2H100TW-4
Breaker
IC at
Rating
Magnetic
3-Pole, 480VAC
List
4-Pole, 480VAC
List
480VAC
Trip
Part Number
Price
Part Number
Price
15A
500A
T2SQ015TW
20A
500A
T2SQ020TW
25A
500A
T2SQ025TW
30A
500A
T2SQ030TW
40A
500A
T2SQ040TW
T2SQ
35kA
50A
500A
T2SQ050TW
60A
600A
T2SQ060TW
70A
700A
T2SQ070TW
80A
800A
T2SQ080TW
90 A
900A
T2SQ090TW
100A
1000A
T2SQ100TW
Breaker
IC at
Rating
Magnetic
3-Pole, 480VAC
List
480VAC
Trip
Part Number
Price
T2-100A Frame, 100% Rated Thermal-Magnetic Trip Unit Fixed
15A
500A
T2HQ015TW
20A
500A
T2HQ020TW
25A
500A
T2HQ025TW
30A
500A
T2HQ030TW
T2HQ
40A
500A
T2HQ040TW
UL Current Limiting
65kA
50A
500A
T2HQ050TW
60A
600A
T2HQ060TW
70A
700A
T2HQ070TW
80A
800A
T2HQ080TW
90A
900A
T2HQ090TW
100A
1000A
T2HQ100TW
Breaker
IC at
Rating
Magnetic
3-Pole, 480VAC
List
480VAC
Trip
Part Number
Price



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com