Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 67 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 67 Page - ABB

Back Button T1N080TL Datasheet HTML 63Page - ABB T1N080TL Datasheet HTML 64Page - ABB T1N080TL Datasheet HTML 65Page - ABB T1N080TL Datasheet HTML 66Page - ABB T1N080TL Datasheet HTML 67Page - ABB T1N080TL Datasheet HTML 68Page - ABB T1N080TL Datasheet HTML 69Page - ABB T1N080TL Datasheet HTML 70Page - ABB T1N080TL Datasheet HTML 71Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
64
ABB
AC1615S - 03/10
Dim.
Approximate Dimensions
T4
Flange for
Compartment Door
Drilling Templates of the Compartment Door
Drilling Templates for Support Sheet
For front terminals
For rear terminals
3 POLES
4 POLES
Caption
1
Overall dimensions with
cabled accessories mounted
(SOR-C, UVR-C,
RC221-222)
2
Overall dimensions with
cabled auxiliary contacts
mounted
(only 3Q 1SY)
3-4 POLES
3-4 POLES
With flange
Without flange
T4 — 3 & 4 Pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com