Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 40 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 40 Page - ABB

Back Button T1N080TL Datasheet HTML 36Page - ABB T1N080TL Datasheet HTML 37Page - ABB T1N080TL Datasheet HTML 38Page - ABB T1N080TL Datasheet HTML 39Page - ABB T1N080TL Datasheet HTML 40Page - ABB T1N080TL Datasheet HTML 41Page - ABB T1N080TL Datasheet HTML 42Page - ABB T1N080TL Datasheet HTML 43Page - ABB T1N080TL Datasheet HTML 44Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
ABB
Discount Schedule DS-STA
37
AC1615S - 03/10
T7
T7-T7M
1000A / 1200A, 600VAC ∆
Accessories
Shunt Trips (YO)
Frame Size
Voltage
Part
Number
List
Price
T7 - T7M
415-440VAC
KT7XS1
380-400VAC
KT7XS2
240-250VAC/DC
KT7XS3
220-240VAC/DC
KT7XS4
120-127VAC/DC
KT7XS5
110-120VAC/DC
KT7XS6
60VAC/DC
KT7XS7
48VAC/DC
KT7XS8
30VAC/DC
KT7XS9
24VAC/DC
KT7XS0
Undervoltage Release - (UVR)
Frame Size
Voltage
Part
Number
List
Price
T7 - T7M
415-440VAC
KT7XU1
380-400VAC
KT7XU2
240-250VAC/DC
KT7XU3
220-240VAC/DC
KT7XU4
120-127VAC/DC
KT7XU5
110-120VAC/DC
KT7XU6
60VAC/DC
KT7XU7
48VAC/DC
KT7XU8
30VAC/DC
KT7XU9
24VAC/DC
KT7XU0
Shunt Closing Release (YC)
Frame Size
Voltage
Part
Number
List
Price
T7M
415-440VAC
KT7MXC1
380-400VAC
KT7MXC2
240-250VAC/DC
KT7MXC3
220-240VAC/DC
KT7MXC4
120-127VAC/DC
KT7MXC5
110-120VAC/DC
KT7MXC6
60VAC/DC
KT7MXC7
48VAC/DC
KT7MXC8
30VAC/DC
KT7MXC9
24VAC/DC
KT7MXC0
Auxiliary Contacts - (AUX)
Frame Size
Type / Voltage
Part
Number
List
Price
T7-T7M
1 AUX "C" + 1 BA "C" 400VAC
2 AUX "C" 400VAC
1 AUX "C" + 1 BA "C" 24VDC
2 AUX "C" 24VDC
1 S51"C" 250VAC
1 S51"C" 250VAC
KT7AS (1)
KT7XAS2
KT7ASL (1)
KT7XAS2L
KT7XS51 (2)
KT7S51 (1)
T7 X1 Shunt trip - UVR
(1) For installation on T7 only
(2) For installation on T7M only
Spring Charging Motor (M)
Frame Size
Type / Voltage
Part
Number
List
Price
T7M
380...415VAC
KT7MXM2
220...250VAC/DC
KT7MXM3
100/130VAC/DC
KT7MXM5
48...60VAC/DC
KT7MXM7
24...30VAC/DC
KT7MXM9
Possible combinations are:
T7: a) 1 Aux + 1BA b) 2 Aux,
c) 3 Aux + 1BA
T7M: a) 2 Aux , b) 4 Aux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com