Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 63 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 63 Page - ABB

Back Button T1N080TL Datasheet HTML 59Page - ABB T1N080TL Datasheet HTML 60Page - ABB T1N080TL Datasheet HTML 61Page - ABB T1N080TL Datasheet HTML 62Page - ABB T1N080TL Datasheet HTML 63Page - ABB T1N080TL Datasheet HTML 64Page - ABB T1N080TL Datasheet HTML 65Page - ABB T1N080TL Datasheet HTML 66Page - ABB T1N080TL Datasheet HTML 67Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
60
Discount Schedule DS-STA
ABB
AC1615S - 03/10
Acc.
Accessories
Mechanical T1-T6
KT3MIF2
KT5FCD
DIN Rail Adapters
Item
Part
Number
List
Price
T1/T2 (mounts on 35 mm DIN rail 15mm high)
KT2DIN
T3 (mounts on 35mm DIN rail 15mm high)
KT3DIN
Ts3 (mounts on 75 mm DIN rail)
KTs3DMB
Mechanical Interlocks
T1-T2-T3
Part
Number
List
Price
Sliding bar interlock-front mounted (2 Breakers)
KT3MIF2
Sliding bar interlock-front mounted (3 Breakers)
KT3MIF3
T3
Rear Interlock-horizontal
KT3MI-H
Rear Interlock-vertical
KT3MI-V
Ts3
Horizontal
KTs3MI-H
Vertical
KTs3MI-V
T4-T5 (1)
Interlock frame
Mechanical Interlock frame-horizontal
KT5MI-H
Mechanical Interlock frame-vertical
KT5MI-V
Plate type
A
T4 (F-P-W)
T4 (F-P-W)
KT5MIP-A
B
T4 (F-P-W)
T5 400 (F-P-W) OR T5 600 (F)
KT5MIP-B
C
T4 (F-P-W)
T5 600 (P-W)
KT5MIP-C
D
T5 (F-P-W)
T5 400 (F-P-W) OR 630 (F)
KT5MIP-D
E
T5 (F-P-W)
T5 600 (P-W)
KT5MIP-E
F
T5v (F-P-W)
T5 600 (P-W)
KT5MIP-F
T6
Horizontal
KT6MI-H
Vertical
KT6MI-V
Flange
T1-T2-T3
KT3FCD
T4-T5
KT5FCD
T6
KT6FCD
(1) T4-T5 Complete assembly consists of one interlock frame and one plate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com