Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 57 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 57 Page - ABB

Back Button T1N080TL Datasheet HTML 53Page - ABB T1N080TL Datasheet HTML 54Page - ABB T1N080TL Datasheet HTML 55Page - ABB T1N080TL Datasheet HTML 56Page - ABB T1N080TL Datasheet HTML 57Page - ABB T1N080TL Datasheet HTML 58Page - ABB T1N080TL Datasheet HTML 59Page - ABB T1N080TL Datasheet HTML 60Page - ABB T1N080TL Datasheet HTML 61Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
54
Discount Schedule DS-STA
ABB
AC1615S - 03/10
Acc.
Accessories
Mechanical
T1-T6
Standard Cable Terminal
Frame
Wire Size
Part Number
(set of 3)
List
Price
Part Number
(set of 4)
List
Price
T1
100A (14 AWG-1/0)
Integral
Integral
T2
100A (14 AWG-1/0)
KT2100-3
KT2100-4
T3
100A (14 AWG - 1/0 kcmil)
KT3100-3
KT3100-4
225A (4 AWG - 350 kcmil)
KT3225-3
KT3225-4
Ts3
100A (14 AWG - 1/0 kcmil)
KTs3100-3
—
150A (2 AWG - 4/0 kcmil)
KTs3150-3
—
225A (4 AWG - 300 kcmil)
KTs3225-3
—
T4
100A (14 AWG - 1/0 kcmil)
KT4100-3
KT4100-4
250A (6 AWG - 350 kcmil)
KT4250-3
KT4250-4
T5
300A (250 kcmil - 500 kcmil)
KT5300-3
KT5300-4
T5 (1)
400A (2x 3/0 - 2x 250 kcmil)
KT5400-3
KT5400-4
T5
600A (2x 3/0 - 2x 500 kcmil)
KT5600-3
—
T6
600A (2x 250 - 2x 500 kcmil)
KT6600-3
—
T6 (1)
800A (3x 2/0 - 3x 400 kcmil)
KT6800-3
—
Terminal Covers for Fixed Breakers - Low Profile-Kit (kit of 2)
Frame
Part Number
(3-Pole)
List
Price
Part Number
(4-Pole)
List
Price
T1
KT1LTC-3
KT1LTC-4
T2
KT2LTC-3
KT2LTC-4
T3
KT3LTC-3
KT3LTC-4
Ts3
KTs3LTC-3
KTs3LTC-4
T4
KT4LTC-3
KT4LTC-4
T5
KT5LTC-3
KT5LTC-4
T6
KT6LTC-3
KT6LTC-4
Terminal Covers for Fixed Breakers - High Profile-Kit (kit of 2)
Frame
Part Number
(3-Pole )
List
Price
Part Number
(4-Pole)
List
Price
T1
KT1HTC-3
KT1HTC-4
T2
KT2HTC-3
KT2HTC-4
T3
KT3HTC-3
KT3HTC-4
Ts3
KTs3HTC-3
KTs3HTC-4
T4
KT4HTC-3
KT4HTC-4
T5
KT5HTC-3
KT5HTC-4
T6
KT6HTC-3
KT6HTC-4
Terminal Cover Fixed Part of CB (Kit of 2)
Frame
Part Number
(3-Pole )
List
Price
Part Number
(4-Pole)
List
Price
Ts3
KTs3TCFP-3
KTs3TCFP-4
T4
KT4TCFP-3
KT4TCFP-4
T5
KT5TCFP-3
KT5TCFP-4
KT3100-3
KT1HTC-3
KT4LTC-3
Terminal Cover Seals
Frame
Part Number
(3-Pole)
List
Price
T1 - T2 - T3 - T4 - T5
KT5LC-S
(1) Comes standard with high profile terminal covers.
Note: for power control tap lugs, please consult your local ABB office



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com