Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 41 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 41 Page - ABB

Back Button T1N080TL Datasheet HTML 37Page - ABB T1N080TL Datasheet HTML 38Page - ABB T1N080TL Datasheet HTML 39Page - ABB T1N080TL Datasheet HTML 40Page - ABB T1N080TL Datasheet HTML 41Page - ABB T1N080TL Datasheet HTML 42Page - ABB T1N080TL Datasheet HTML 43Page - ABB T1N080TL Datasheet HTML 44Page - ABB T1N080TL Datasheet HTML 45Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
38
Discount Schedule DS-STA
ABB
AC1615S - 03/10
T7
Terminal Covers for Fixed Breakers - Low Profile-Kit Includes Two Pieces
Frame
Part Number
(3-Pole)
List
Price
Part Number
(4-Pole)
List
Price
T7-T7M
KT7XLTC-3
KT7XLTC-4
Terminal Covers for Fixed Breakers - High Profile-Kit Includes Two Pieces
Frame
Part Number
(3-Pole)
List
Price
Part Number
(4-Pole)
List
Price
T7-T7M
KT7XHTC-3
KT7XHTC-4
Phase Barriers - Low Profile - 100mm - 3.93 in
Frame
Part Number
(3-Pole)
List
Price
Part Number
(4-Pole)
List
Price
T7-T7M
KT7PBL-3
KT7PBL-4
Phase Barriers - High Profile - 200mm - 7.87 in
Frame
Part Number
(3-Pole)
List
Price
Part Number
(4-Pole)
List
Price
T7-T7M
KT7PBH-3
KT7PBH-4
Extended Front Terminals - IEC
Frame
Part Number
(3-Pole)
List
Price
Part Number
(4-Pole)
List
Price
T7-T7M
KT7EF-3
KT7EF-4
Rear Terminals - IEC
Frame
Part Number
(set of 3)
List
Price
Part Number
(set of 4)
List
Price
T7-T7M
KT7XR-3
KT7XR-4
Variable Depth Handle Operators
Frame
Mechanism
Part Number
List
Price
Shaft Part Number
List
Price
Handle
Part Number
List
Price
T7
KT7VD-M
OXP10X500 (19.7”)
OHB175J10X
OHY175J10
OHB175L10
KT7VD-S (19.7”)
KT7VD-H
Direct Mount Rotary Operator Handle
Frame
Breaker Mounting
Part Number
List Price
T7
Fixed, Plug-In
KT7RH
Early Make Contact
Frame
Part Number
List Price
T7
KT7EM
Padlock Locking Device
Frame
Style
Locking Position
Breaker Mounting
Part Number
List
Price
T7
PLL
OPEN
Fixed, Drawout
KT7LDO
T7M
PLL
OPEN
Fixed, Draw-out
KT7MLDO
Keylocks for the Rotary Handle Mechanism
Frame
Style
Locking Position
Keys
Part Number
List
Price
T7
KLF-D
OPEN
Different
KT7KLFD
KLF-S
OPEN
Same key # 20005
KT7KLFS-20005
KLF-S
OPEN
Same key # 20006
KT7KLFS-20006
KLF-S
OPEN
Same key # 20007
KT7KLFS-20007
KLF-S
OPEN
Same key # 20008
KT7KLFS-20008
Keylocks on the Circuit-Breaker
Frame
Style
Locking Position
Keys
Part Number
List
Price
T7
KLF-D
OPEN
Different
KT7KLCD
KLF-S
OPEN
Same key # 20005
KT7KLCS-20005
KLF-S
OPEN
Same key # 20006
KT7KLCS-20006
KLF-S
OPEN
Same key # 20007
KT7KLCS-20007
KLF-S
OPEN
Same key # 20008
KT7KLCS-20008
T7M
KLF-D
OPEN
Different
KT7MKLCD
KLF-S
OPEN
Same key # 20005
KT7MKLCS-20005
KLF-S
OPEN
Same key # 20006
KT7MKLCS-20006
KLF-S
OPEN
Same key # 20007
KT7MKLCS-20007
KLF-S
OPEN
Same key # 20008
KT7MKLCS-20008
T7-T7M
1000A / 1200A, 600VAC ∆
Accessories
(1) Comes standard with high profile terminal covers.
Standard Cable Terminal (1)
Frame
Wire Size
Part Number
(set of 3)
List
Price
Part Number
(set of 4)
List
Price
T7-T7M 1
(4) 4/0-500 kcmil
KT7X1200-3
KT7X1200-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com