Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 33 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 33 Page - Analog Devices

Back Button AD3552R Datasheet HTML 29Page - Analog Devices AD3552R Datasheet HTML 30Page - Analog Devices AD3552R Datasheet HTML 31Page - Analog Devices AD3552R Datasheet HTML 32Page - Analog Devices AD3552R Datasheet HTML 33Page - Analog Devices AD3552R Datasheet HTML 34Page - Analog Devices AD3552R Datasheet HTML 35Page - Analog Devices AD3552R Datasheet HTML 36Page - Analog Devices AD3552R Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Data Sheet
AD3541R
THEORY OF OPERATION
analog.com
Rev. A | 33 of 59
Double Data Rate (DDR)
Irrespective of the SPI mode being used, DDR can be enabled by
setting the SPI_CONFIG_DDR bit in the INTERFACE_CONFIG_D
register, which allows sampling data during the data phase on both
clock edges, as shown in Figure 4 and Figure 7. After this mode is
enabled, all data must be written using DDR.
DDR is only usable in the data phase during write operations. In
readback operations, the SPI_CONFIG_DDR bit is ignored, and
data is transferred from the AD3541R to the controller in single data
rate, as shown in Figure 2 and Figure 6.
After changing the SPI mode or the SPI_CONFIG_DDR bit, CS
must be brought high and a new access cycle must be started in
the appropriate mode.
All valid SPI mode combinations are listed in Table 12.
Table 12. SPI Mode Combinations
SPI Mode
MULTI_IO_MODE
SPI_CONFIG_DDR
Single SPI SDR
00
0
Single SPI DDR
00
1
Dual SPI SDR
01
0
Dual SPI DDR
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com