Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 25 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD3552R Datasheet HTML 21Page - Analog Devices AD3552R Datasheet HTML 22Page - Analog Devices AD3552R Datasheet HTML 23Page - Analog Devices AD3552R Datasheet HTML 24Page - Analog Devices AD3552R Datasheet HTML 25Page - Analog Devices AD3552R Datasheet HTML 26Page - Analog Devices AD3552R Datasheet HTML 27Page - Analog Devices AD3552R Datasheet HTML 28Page - Analog Devices AD3552R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
Data Sheet
AD3541R
THEORY OF OPERATION
analog.com
Rev. A | 25 of 59
PRODUCT DESCRIPTION
The AD3541R is a single channel, 16 MUPS voltage output DAC
with programmable output ranges and a 2.5 V internal reference.
This device is available in 16-bit and 12-bit resolutions.
The AD3541R-16 has two update modes.
►
Fast mode: data written in this mode is 16 bits long, resulting in a
single-channel update rate of 16 MUPS. The DNL specification is
valid for the reduced temperature range defined in Table 2. The
data for this mode is written in the registers ending in _16B.
►
Precision mode: data written in this mode is 24 bits long, re-
sulting in a single-channel update rate of 11 MUPS. The DNL
specification is guaranteed over the full operating temperature
range. The data for this mode is written in the registers ending in
_24B.
The AD3541R-12 supports fast mode only. The _24B registers are
not accessible. 12-bit data must be written to the_16B registers,
leaving the four LSBs set to 0.
The AD3541R offers a versatile SPI interface capable of operating
in classic and dual SPI modes with single or double data rate. The
AD3541R features multiple error checkers, both in the analog and
digital domains to guarantee a safe operation.
DAC ARCHITECTURE
The AD3541R uses a current steering DAC architecture with a VREF
voltage of 2.5 V. The DAC current is converted to voltage by means
of an internal TIA.
Figure 77 shows the internal block diagram.
RFB4_x
RFB2_x
RFB1_x
VOUTx
Figure 77. DAC Channel Architecture Block Diagram
The TIA feedback loop is closed by hardwiring the VOUTx pin to any
of the available RFBx_y pins. The RFBx_y value sets the maximum
voltage span that can be achieved. The RFBx_y pin used for each
voltage range is specified in the Output Voltage Spans section.
OUTPUT VOLTAGE SPANS
The AD3541R offers five voltage spans that are selected using
the CH0_OUTPUT_RANGE register. The selected span must be
in accordance with the feedback resistor being used, as shown
in Table 8. Setting a voltage span that is not achievable with
the current RFBx_y resistor results in an incorrect voltage value.
The supply levels on PVDD and PVSS must also be adjusted to
guarantee enough headroom and footroom for each range.
There is approximately a 3% overrange equally split on each end
of the span to ensure that the nominal range is covered in any
condition.
Table 8. Output Span Ranges and Corresponding Feedback Resistor
RFBx_y
CH0_OUTPUT_RANGE
Output Span
(V)
VZS (V) VFS (V)
RFB1_y
0x000
0 to 2.5
−0.197
2.701
0x001
0 to 5
−0.077
5.077
RFB2_y
0x010
0 to 10
−0.162
10.164
0x011
−5 to +5
−5.164
5.162
0x100
−2.5 to +7.5
−2.663
7.663
TRANSFER FUNCTION
The conversion of the digital code to the DAC output current follows
a linear relation with the code in plain binary. The ideal output
voltage is given by the following equation:
VOUT= VFS−VZS × D216+VZS
where:
D is the decimal equivalent of the binary code that is loaded in the
DAC register. For the AD3541R-12, D is still a 16-bit number where
the lower four bits are 0, that is, the 12-bit code multiplied by 16.
VZS and VFS are according to the values given in the Output Voltage
Spans section.
INTERNAL TIA
The internal TIA is capable of operating at 20 mV from the supply
rails, PVDD and PVSS. The supplies of the internal TIA must be
adapted to accommodate the desired output range while observing
the minimum headroom, footroom, and maximum supply voltage.
TIA POWER CONSUMPTION
The static power consumption of the internal TIA depends on
the output voltage, the feedback resistor, and the load resistance.
The following formulas approximate the current drawn by a single
amplifier on PVDD and PVSS as a function of these parameters, as
long as the amplifier is not in saturation. Current values in mA are:
IPVDD=0.65+max0, VOUT−2.5RFB+VOUTRL
IPVSS=−0.65+min0, VOUT−2.5RFB+VOUTRL
where:
VOUT is the output voltage in volts.
RFB is the value of the feedback resistor in kΩ.
RL is the load resistance in kΩ.
The first term of the equations is the quiescent current of an
individual amplifier. Amplifiers are active at power up and can be
disabled setting the CHx_CHANNEL_POWERDOWN bit in POW-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com