Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 59 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 59 Page - Analog Devices

Back Button AD3552R Datasheet HTML 51Page - Analog Devices AD3552R Datasheet HTML 52Page - Analog Devices AD3552R Datasheet HTML 53Page - Analog Devices AD3552R Datasheet HTML 54Page - Analog Devices AD3552R Datasheet HTML 55Page - Analog Devices AD3552R Datasheet HTML 56Page - Analog Devices AD3552R Datasheet HTML 57Page - Analog Devices AD3552R Datasheet HTML 58Page - Analog Devices AD3552R Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 59 page
background image
Data Sheet
AD3541R
OUTLINE DIMENSIONS
©2022-2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 59 of 59
Figure 98. 28-Lead Lead Frame Chip Package [LFCSP]
4 mm × 4 mm Body and 0.95 mm Package Height
(CP-28-15)
Dimensions shown in millimeters
Updated: May 05, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
AD3541RBCPZ12-RL7
-40°C to +105°C
28-Lead LFCSP (4mm x 4mm x 0.95 mm)
Reel, 1500
CP-28-15
AD3541RBCPZ16-RL7
-40°C to +105°C
28-Lead LFCSP (4mm x 4mm x 0.95 mm)
Reel, 1500
CP-28-15
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1 2
Description
EVAL-AD3542RFMCZ
AD3542R Evaluation Board
EVAL-SDP-CH1Z
SDP High Speed Controller Board
1 Z = RoHS Compliant Part.
2 The EVAL-AD3542RFMCZ can be used to evaluate AD3541R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com