Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 35 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 35 Page - Analog Devices

Back Button AD3552R Datasheet HTML 31Page - Analog Devices AD3552R Datasheet HTML 32Page - Analog Devices AD3552R Datasheet HTML 33Page - Analog Devices AD3552R Datasheet HTML 34Page - Analog Devices AD3552R Datasheet HTML 35Page - Analog Devices AD3552R Datasheet HTML 36Page - Analog Devices AD3552R Datasheet HTML 37Page - Analog Devices AD3552R Datasheet HTML 38Page - Analog Devices AD3552R Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Data Sheet
AD3541R
THEORY OF OPERATION
analog.com
Rev. A | 35 of 59
Table 13. DAC Update Modes
SPI Mode
Register Written
LDAC Pin
Synchronous
Notes
Dual and Single SPI
CH0_INPUT
Falling edge
Yes
LDAC mask applied, HW_LDAC register.
Dual and Single SPI
CH0_INPUT
High
No
Write to SW_LDAC triggers the update.
Dual and Single SPI
CH0_INPUT
Low
No
Output updates automatically.
Dual and Single SPI
CH0_DAC
Not applicable
No
Output updates immediately.
Dual and Single SPI
DAC_PAGE
Not applicable
No
Page mask applied, according to
CH_SELECT register. Output updates
immediately.
Dual and Single SPI
INPUT_PAGE
Not applicable
No
Page mask applied, according to
CH_SELECT register. Data copied to
input register.
POWER-DOWN
Each of the two DAC coresThe DAC core in the AD3541R can be
disabled to reduce power consumption when the channel is not in
use. Control is performed using the CH0_DAC_POWERDOWN bit
in the POWERDOWN_CONFIG register. The DAC core is powered
down after reset and becomes active on the first update.
In addition, the internal TIA can be disabled by setting the
CHx_CHANNEL_POWERDOWN bit in the POWERDOWN_CON-
FIG register. The TIA is powered up by default after reset.
RESET
The AD3541R implements three different ways to reset the device.
All three methods trigger the same reset procedure internally, ex-
cept for the difference explained in the Software Reset section.
Power-On Reset
The device integrates a power-on reset (POR) circuit that monitors
AVDD and DVDD. Whenever AVDD falls below 4 V or DVDD falls
below 1.3 V, an internal reset pulse is generated. This circuit
ensures that the chip is correctly initialized at power-up or after a
power dip.
RESET Pin
A low level on the RESET pin sets the chip in default mode,
clearing the values of all registers, setting the VOUT0 outputs to
0 V, and keeping the SPI lines in high impedance. When the
RESET line is released (returns high), the device starts executing
the initialization procedure that can take up to 100 ms (t18 time).
After reset, the DAC core is in power-down mode and the VOUT
outputs are still at 0 V.
During reset, the internal transimpedance amplifier is still powered
up and it may produce some glitch in the VOUT signal, depending on
the sequencing of the supplies.
Software Reset
The device can be reset from the SPI interface by setting
the SW_RESET_MSB and SW_RESET_LSB bits in the INTER-
FACE_CONFIG_A register. The main difference between the soft-
ware reset and the hardware reset using the RESET pin is that the
former does not affect the INTERFACE_CONFIG_A register. The
SW_RESET_MSB and SW_RESET_LSB bits clear after the reset
operation has concluded.
ERROR DETECTION
The AD3541R can detect abnormal conditions both in the ana-
log and digital domains. These errors are reported in the INTER-
FACE_STATUS_A and ERR_STATUS registers. The list of the
errors mapped to the ERR_ALARM_MASK register and its cor-
responding source is shown in Table 14. The errors listed in
Table 14 can assert the ALERT pin if it is not masked in the
ERR_ALARM_MASK register. The ALERT pin is also asserted after
reset and in case of initialization failure.
The error bits in the INTERFACE_STATUS_A and ERR_STATUS
registers are sticky and keep their value until cleared with a write 1
operation. That is, to clear an error bit, write 1 on that specific bit
location.
Table 14. Alarm Mask Register and Corresponding Error Source
Bit Number
Alarm Mask Register Bit Name
Error Source Register Name
Error Source Bit Name
6
REF_RANGE_ALARM_MASK
ERR_STATUS
REF_RANGE_ERR_STATUS
5
CLOCK_COUNT_ALARM_MASK
INTERFACE_STATUS_A
CLOCK_COUNTING_ERROR
4
MEM_CRC_ALARM_MASK
ERR_STATUS
MEM_CRC_ERR_STATUS
3
SPI_CRC_ERR_ALARM_MASK
INTERFACE_STATUS_A
INVALID_OR_NO_CRC
2
WRITE_TO_READ_ONLY_ALARM_MASK
INTERFACE_STATUS_A
WRITE_TO_READ_ONLY_REGISTER
1
PARTIAL_REGISTER_ACCESS_ALARM_MASK
INTERFACE_STATUS_A
PARTIAL_REGISTER_ACCESS
0
REGISTER_ADDRESS_INVALID_ALARM_MASK INTERFACE_STATUS_A
REGISTER_ADDRESS_INVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com