Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 43 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 43 Page - Analog Devices

Back Button AD3552R Datasheet HTML 39Page - Analog Devices AD3552R Datasheet HTML 40Page - Analog Devices AD3552R Datasheet HTML 41Page - Analog Devices AD3552R Datasheet HTML 42Page - Analog Devices AD3552R Datasheet HTML 43Page - Analog Devices AD3552R Datasheet HTML 44Page - Analog Devices AD3552R Datasheet HTML 45Page - Analog Devices AD3552R Datasheet HTML 46Page - Analog Devices AD3552R Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 43 of 59
Chip Type Register
Address: 0x03, Reset: 0x04, Name: CHIP_TYPE
The chip type register contains the identifier of the precision DAC family, which includes the AD3541R. This register must be used in
conjunction with the product ID to uniquely identify the AD3541R.
Table 21. Bit Descriptions for CHIP_TYPE
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CLASS
Precision DAC.
0x4
R
Product ID Low Register
Address: 0x04, Reset: 0x0B, Name: PRODUCT_ID_L
Low byte of the product ID.
Table 22. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product Identification Number.
0xB
R
Product ID High Register
Address: 0x05, Reset: 0x40, Name: PRODUCT_ID_H
High byte of the product ID.
Table 23. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product Identification Number.
0x40
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com