Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 57 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 57 Page - Analog Devices

Back Button AD3552R Datasheet HTML 51Page - Analog Devices AD3552R Datasheet HTML 52Page - Analog Devices AD3552R Datasheet HTML 53Page - Analog Devices AD3552R Datasheet HTML 54Page - Analog Devices AD3552R Datasheet HTML 55Page - Analog Devices AD3552R Datasheet HTML 56Page - Analog Devices AD3552R Datasheet HTML 57Page - Analog Devices AD3552R Datasheet HTML 58Page - Analog Devices AD3552R Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 57 of 59
Input Page Register, Precision Mode
Address: 0x42, Reset: 0x000000, Name: INPUT_PAGE_24B
This register is provided for compatibility with multichannel chips of this family.
Table 50. Bit Descriptions for INPUT_PAGE_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
INPUT_PAGE
Input Page Data. Following a write to this register, the DAC code loaded into this register
is copied into the input register if the SEL_CH0 bit is set in the CH_SELECT_24B
register.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R
Software LDAC Register, Precision Mode
Address: 0x45, Reset: 0x00, Name: SW_LDAC_24B
This register is used to trigger a data transfer between the input register and the DAC register. It is the software equivalent of pulsing the LDAC
line low.
Table 51. Bit Descriptions for SW_LDAC_24B
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
SW_LDAC_CH0
Software LDAC for Channel 0. Setting this bit transfers contents from the
CH0_INPUT_24B register to the CH0_DAC_24B register. This bit automatically resets
after being written.
0x0
W
0 No operation.
1 Load DAC 0.
Input Register for Channel 0, Precision Mode
Address: 0x46, Reset: 0x000000, Name: CH0_INPUT_24B
This register contains the data to be transferred to the DAC register using one of the various trigger options, hardware LDAC, software LDAC,
or automatic transfer.
Table 52. Bit Descriptions for CH0_INPUT_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
INPUT_DATA0
Channel 0 Input Data.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com