Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 45 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 45 Page - Analog Devices

Back Button AD3552R Datasheet HTML 41Page - Analog Devices AD3552R Datasheet HTML 42Page - Analog Devices AD3552R Datasheet HTML 43Page - Analog Devices AD3552R Datasheet HTML 44Page - Analog Devices AD3552R Datasheet HTML 45Page - Analog Devices AD3552R Datasheet HTML 46Page - Analog Devices AD3552R Datasheet HTML 47Page - Analog Devices AD3552R Datasheet HTML 48Page - Analog Devices AD3552R Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 45 of 59
Vendor ID Low Register
Address: 0x0C, Reset: 0x56, Name: VENDOR_L
Low byte of the vendor ID.
Table 27. Bit Descriptions for VENDOR_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VID[7:0]
Analog Devices Vendor ID.
0x56
R
Vendor ID High Register
Address: 0x0D, Reset: 0x04, Name: VENDOR_H
High byte of the vendor ID.
Table 28. Bit Descriptions for VENDOR_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VID[15:8]
Analog Devices Vendor ID.
0x4
R
Stream Mode Register
Address: 0x0E, Reset: 0x00, Name: STREAM_MODE
Defines the length of the loop when streaming data.
Table 29. Bit Descriptions for STREAM_MODE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
LENGTH
Data Byte Loop Count. Specifies the data byte count before looping back to the start address.
Only valid in streaming mode. A nonzero value sets the number of data bytes written or
read before the address loops back to the start address. A maximum of 255 bytes can be
transmitted using this approach. A value of 0x00 disables the loopback so that addressing
wraps around at the upper and lower limits of memory.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com