Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 46 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 46 Page - Analog Devices

Back Button AD3552R Datasheet HTML 42Page - Analog Devices AD3552R Datasheet HTML 43Page - Analog Devices AD3552R Datasheet HTML 44Page - Analog Devices AD3552R Datasheet HTML 45Page - Analog Devices AD3552R Datasheet HTML 46Page - Analog Devices AD3552R Datasheet HTML 47Page - Analog Devices AD3552R Datasheet HTML 48Page - Analog Devices AD3552R Datasheet HTML 49Page - Analog Devices AD3552R Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 46 of 59
Transfer Configuration Register
Address: 0x0F, Reset: 0x00, Name: TRANSFER_REGISTER
This register configures the SPI mode used to transfer data and enables looping over the same register section when streaming data.
Table 30. Bit Descriptions for TRANSFER_REGISTER
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
MULTI_IO_MODE
Controls the SPI.
0x0
R/W
00 Single SPI.
01 Dual SPI.
[5:3]
RESERVED
Reserved.
0x0
R
2
STREAM_LENGTH_KEEP_VALUE
This bit controls the reset of the LENGTH bit field value in the
STREAM_MODE register.
0x0
R/W
0 LENGTH bit field is reset to 0 at the end of the transaction.
1 LENGTH bit field keeps the same value.
[1:0]
RESERVED
Reserved.
0x0
R
Interface Configuration C Register
Address: 0x10, Reset: 0x23, Name: INTERFACE_CONFIG_C
Additional interface configuration settings.
Table 31. Bit Descriptions for INTERFACE_CONFIG_C
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
CRC_ENABLE
CRC Enable. This field is written to enable/disable the use of the
CRC error detection on the interface (when the device is in register
mode). The CRC_ENABLE_B bits must also be written with the
inverted value of the CRC_ENABLE bits in the same SPI write
transaction for the CRC status to be changed.
0x0
R/W
00 CRC disabled.
01 CRC enabled.
5
STRICT_REGISTER_ACCESS
Access Mode to Multibyte Registers. This bit is read only. Register
write transactions to multibyte registers must include data for
each of its individual bytes for the register to be updated. Failure
0x1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com