Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 36 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 36 Page - Analog Devices

Back Button AD3552R Datasheet HTML 32Page - Analog Devices AD3552R Datasheet HTML 33Page - Analog Devices AD3552R Datasheet HTML 34Page - Analog Devices AD3552R Datasheet HTML 35Page - Analog Devices AD3552R Datasheet HTML 36Page - Analog Devices AD3552R Datasheet HTML 37Page - Analog Devices AD3552R Datasheet HTML 38Page - Analog Devices AD3552R Datasheet HTML 39Page - Analog Devices AD3552R Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Data Sheet
AD3541R
THEORY OF OPERATION
analog.com
Rev. A | 36 of 59
ERR_STATUS Register
VREF Detection
The REF_RANGE_ERR_STATUS bit in the ERR_STATUS register
is set when the reference voltage drops below 1 V for more than
5 ms. The error is detected irrespective of the reference voltage
source, whether it is generated internally or provided externally via
the VREF pin. This feature is useful to detect an interruption in the
external reference voltage or an overload condition on the VREF pin
when the internal reference is shared with another device.
SPI Mode Error
The SPI mode error is produced during streaming when the ad-
dress pointer crosses the boundary between the secondary and the
primary region with the SPI interface configured in dual SPI mode
because this region can only be accessed in classic SPI mode. The
DUAL_SPI_STREAM_EXCEEDS_DAC_ERR_STATUS bit is set in
the ERR_STATUS register.
Register CRC
The AD3541R includes an internal CRC for the register map and
the read only memory (ROM). The CRC is executed every 4.1 μs,
and only includes the primary region of the register map because
the secondary region is expected to be continuously written. The
CRC can be disabled by clearing the MEM_CRC_EN bit in the
INTERFACE_CONFIG_D register. If a CRC error is detected, the
MEM_CRC_ERR_STATUS bit is set in the ERR_STATUS register.
It is advisable to reset the device if this error occurs.
Reset Status
The RESET_ STATUS bit in the ERR_STATUS register indicates
that the AD3541R has been reset, either internally (POR or SW
reset) or externally (via the RESET pin). The RESET_STATUS bit
is set when the POR completes correctly. It is useful to detect
unexpected reset conditions, such as a dip in power supply, and
take corrective actions.
The RESET_STATUS bit causes the assertion of the ALERT pin
and it is not maskable. Therefore, it must be cleared after reset or
power-up to be able to detect new events via the ALERT signal.
INTERFACE_STATUS_A Register
Device Busy
The INTERFACE_NOT_READY bit in the INTERFACE_STATUS_A
register is not an error, but a status bit. This bit can be polled to
know when the device is ready to receive data from the controller.
SPI Clock Counter
The error reported in the CLOCK_COUNTING_ERR bit is pro-
duced when the number of SCLK cycles is not in accordance
with the amount required to shift a multiple of 8 bits, taking into
account the SPI mode (dual or single) and the DDR mode. The
CLOCK_COUNTING_ERR bit is set in the ERR_STATUS register.
Valid combinations are shown in Table 15.
Table 15. Clock Cycles Required to Transfer One Byte
SPI Mode
DDR
Clock Cycles for 1 Byte
Single SPI
No
8
Single SPI
Yes
4
Dual SPI
No
4
Dual SPI
Yes
2
SPI CRC
The INVALID_OR_NO_CRC bit in the INTERFACE_STATUS_A
register is set when the CRC is enabled and the CRC byte in
the SPI transaction is missing or it does not match the calculated
value. To clear this error, write 1 to this bit. Note that because CRC
is enabled, this SPI transaction must have a valid CRC code to
succeed.
Write to Read Only Register
If the host tries to write to a read only register, the
WRITE_TO_READ_ONLY_REGISTER bit field is asserted in the
INTERFACE_STATUS_A register. To clear this error, write 1 to the
WRITE_TO_READ_ONLY_REGISTER bit.
Partial Register Access
The PARTIAL_REGISTER_ ACCESS bit in the INTERFACE_STA-
TUS_A register is set when a multibyte register is accessed for read
or write partially, which means that the transaction ends before all
the bytes of a multibyte register have been accessed. To clear this
error, write 1 to the PARTIAL_REGISTER_ ACCESS bit.
Invalid Access
When the host tries to access an invalid register address, the REG-
ISTER_ADDRESS_INVALID bit is set in the INTERFACE_STA-
TUS_A register. To clear this error, write 1 to this bit.
ALERT PIN
When one of the errors listed in Table 14 is detected and its
corresponding bit in the ERR_ALARM_MASK register is set to 0,
the ALERT pin is asserted. This pin can be used as an interrupt line
for the CPU to take action when an error condition arises.
In addition, the ALERT pin is asserted when the RESET_STATUS
bit is asserted in the ERR_STATUS register. This condition is not
maskable. Therefore, the RESET_STATUS bit must be cleared
after initialization to use the ALERT pin. If the pin remains asserted
after clearing all the error sources, it means that there has been
an error during the initialization of the device and it must be power
cycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com