Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 52 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 52 Page - Analog Devices

Back Button AD3552R Datasheet HTML 48Page - Analog Devices AD3552R Datasheet HTML 49Page - Analog Devices AD3552R Datasheet HTML 50Page - Analog Devices AD3552R Datasheet HTML 51Page - Analog Devices AD3552R Datasheet HTML 52Page - Analog Devices AD3552R Datasheet HTML 53Page - Analog Devices AD3552R Datasheet HTML 54Page - Analog Devices AD3552R Datasheet HTML 55Page - Analog Devices AD3552R Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 52 of 59
Table 36. Bit Descriptions for ERR_STATUS (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
bit corruption within the memory
map.
[3:1]
RESERVED
Reserved.
0x0
R
0
RESET_STATUS
Reset Occurred. This bit indicates
that the device has just completed
initialization following a reset. This
bit asserts the ALERT pin and it is
nonmaskable. Therefore, it must be
cleared right after initialization.
0x1
R/W1C
Power-Down Configuration Register
Address: 0x18, Reset: 0x00, Name: POWERDOWN_CONFIG
This register controls the individual power-down of the DAC channels.
Table 37. Bit Descriptions for POWERDOWN_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
CH0_DAC_POWERDOWN
Channel 0 DAC Power-Down.
0x0
R/W
0 Channel 0 DAC in normal operating mode.
1 Channel 0 DAC is in power-down mode.
[3:1]
RESERVED
Reserved.
0x0
R
0
CH0_CHANNEL_POWERDOWN
Channel 0 Output Amplifier Power-Down.
0x0
R/W
0 Channel 0 output amplifier is powered on.
1 Channel 0 output amplifier is in power-down mode.
Output Range Register
Address: 0x19, Reset: 0x00, Name: CH0_OUTPUT_RANGE
This register sets the output range of the DAC channels to one of the preconfigured ranges listed in Table 8. In addition to setting this register,
the corresponding RFBx_0 resistor must be connected to obtain the expected result.
Table 38. Bit Descriptions for CH0_OUTPUT_RANGE
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com