Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 38 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 38 Page - Analog Devices

Back Button AD3552R Datasheet HTML 34Page - Analog Devices AD3552R Datasheet HTML 35Page - Analog Devices AD3552R Datasheet HTML 36Page - Analog Devices AD3552R Datasheet HTML 37Page - Analog Devices AD3552R Datasheet HTML 38Page - Analog Devices AD3552R Datasheet HTML 39Page - Analog Devices AD3552R Datasheet HTML 40Page - Analog Devices AD3552R Datasheet HTML 41Page - Analog Devices AD3552R Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 38 of 59
REGISTER SUMMARY
Register List
Table 16. Register Summary
Address
Name
Description
Reset
Access
0x00
INTERFACE_CONFIG_A
Interface Configuration A Register.
0x10
R/W
0x01
INTERFACE_CONFIG_B
Interface Configuration B Register.
0x08
R/W
0x02
DEVICE_CONFIG
Device Configuration Register.
0x00
R
0x03
CHIP_TYPE
Chip Type Register.
0x04
R
0x04
PRODUCT_ID_L
Product ID Low Register.
0x0B
R
0x05
PRODUCT_ID_H
Product ID High Register.
0x40
R
0x06
CHIP_GRADE
Chip Grade Register.
0x05
R
0x0A
SCRATCH_PAD
Scratch Pad Register.
0x00
R/W
0x0B
SPI_REVISION
SPI Revision Register.
0x83
R
0x0C
VENDOR_L
Vendor ID Low Register.
0x56
R
0x0D
VENDOR_H
Vendor ID High Register.
0x04
R
0x0E
STREAM_MODE
Stream Mode Register.
0x00
R/W
0x0F
TRANSFER_REGISTER
Transfer Configuration Register.
0x00
R/W
0x10
INTERFACE_CONFIG_C
Interface Configuration C Register.
0x23
R/W
0x11
INTERFACE_STATUS_A
Interface Status A Register.
0x00
R/W
0x14
INTERFACE_CONFIG_D
Interface Configuration D Register.
0x04
R/W
0x15
REFERENCE_CONFIG
Reference Configuration Register.
0x00
R/W
0x16
ERR_ALARM_MASK
Error Alarm Mask Register.
0x00
R/W
0x17
ERR_STATUS
Error Status Register.
0x01
R/W
0x18
POWERDOWN_CONFIG
Power-Down Configuration Register.
0x00
R/W
0x19
CH0_OUTPUT_RANGE
Output Range Register.
0x00
R/W
0x28
HW_LDAC_16B
Hardware LDAC Mask Register, Fast Mode.
0x00
R/W
0x29
CH0_DAC_16B
DAC Register for Channel 0, Fast Mode.
0x0000
R/W
0x2D
DAC_PAGE_16B
DAC Page Register, Fast Mode.
0x0000
R/W
0x2F
CH_SELECT_16B
Channel Select for Page Registers, Fast Mode.
0x00
R/W
0x30
INPUT_PAGE_16B
Input Page Register, Fast Mode.
0x0000
R/W
0x32
SW_LDAC_16B
Software LDAC Register, Fast Mode.
0x00
W
0x33
CH0_INPUT_16B
Input Register for Channel 0, Fast Mode.
0x0000
R/W
0x37
HW_LDAC_24B1
Hardware LDAC Mask Register, Precision Mode.
0x00
R/W
0x38
CH0_DAC_24B1
DAC Register for Channel 0, Precision Mode.
0x000000
R/W
0x3E
DAC_PAGE_24B1
DAC Page Register, Precision Mode.
0x000000
R/W
0x41
CH_SELECT_24B1
Channel Select for Page Registers, Precision Mode.
0x00
R/W
0x42
INPUT_PAGE_24B1
Input Page Register, Precision Mode.
0x000000
R/W
0x45
SW_LDAC_24B1
Software LDAC Register, Precision Mode.
0x00
W
0x46
CH0_INPUT_24B1
Input Register for Channel 0, Precision Mode.
0x000000
R/W
1 Not available in the AD3541R-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com