Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 47 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 47 Page - Analog Devices

Back Button AD3552R Datasheet HTML 43Page - Analog Devices AD3552R Datasheet HTML 44Page - Analog Devices AD3552R Datasheet HTML 45Page - Analog Devices AD3552R Datasheet HTML 46Page - Analog Devices AD3552R Datasheet HTML 47Page - Analog Devices AD3552R Datasheet HTML 48Page - Analog Devices AD3552R Datasheet HTML 49Page - Analog Devices AD3552R Datasheet HTML 50Page - Analog Devices AD3552R Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 47 of 59
Table 31. Bit Descriptions for INTERFACE_CONFIG_C (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
to write data to the entire multibyte register (entity) results in
the register contents not being updated in memory, and the
PARTIAL_REGISTER_ACCESS flag in the INTERFACE_STATUS_A
register being set.
1 Strict access mode. Multibyte registers require all bytes to be read/
written in full to avoid the PARTIAL_REGISTER_ACCESS bit being
flagged.
[4:2]
RESERVED
Reserved.
0x0
R
[1:0]
CRC_ENABLE_B
Inverted CRC Enable. This field must be written with the
complementary value of the CRC_ENABLE field.
0x3
R/W
11 CRC disabled.
10 CRC enabled.
Interface Status A Register
Address: 0x11, Reset: 0x00, Name: INTERFACE_STATUS_A
This register flags several error conditions related to SPI communication and register addressing.
Table 32. Bit Descriptions for INTERFACE_STATUS_A
Bits
Bit Name
Settings
Description
Reset
Access
7
INTERFACE_NOT_READY
Interface Not Ready Error Flag. Indicates if the device
interface was not ready for a transaction when an SPI
read or write transaction was requested by the digital host
(master). This flag bit is set if an SPI frame begins before
the device is ready after a power-on reset. This error flag
is write‑1‑to‑clear (when this error flag is set, it can only
be reset by writing a 1 to this bit).
0x0
R/W1C
0 Interface not ready error not detected.
1 Interface not ready error detected.
6
RESERVED
Reserved.
0x0
R
5
CLOCK_COUNTING_ERROR
Clock Count Error Flag. Indicates if the incorrect number
of serial clock edges was detected in an SPI read or write
transaction (for example, if the transaction was terminated
in the middle of a byte). This error flag is write‑1‑to‑clear
(when this error flag is set, it can only be reset by writing a
1 to this bit).
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com