Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 58 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 58 Page - Analog Devices

Back Button AD3552R Datasheet HTML 51Page - Analog Devices AD3552R Datasheet HTML 52Page - Analog Devices AD3552R Datasheet HTML 53Page - Analog Devices AD3552R Datasheet HTML 54Page - Analog Devices AD3552R Datasheet HTML 55Page - Analog Devices AD3552R Datasheet HTML 56Page - Analog Devices AD3552R Datasheet HTML 57Page - Analog Devices AD3552R Datasheet HTML 58Page - Analog Devices AD3552R Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
Data Sheet
AD3541R
APPLICATIONS INFORMATION
analog.com
Rev. A | 58 of 59
POWER SUPPLY RECOMMENDATIONS
The AD3541R does not have any restriction for power supply
sequencing. The chip incorporates a power monitor for AVDD and
DVDD that releases the internal reset when both rails are within
specification. Nevertheless, the recommended sequence to turn on
the supply rails is GND, AVDD, DVDD, VLOGIC because it minimizes
the power-up glitch. PVDD and PVSS are independent of the three
previous supplies and can be switched on at any time. A small
glitch (<100 mV) appears when PVDD reaches 2 V.
It is recommended to connect AGND and DGND together and have
a single solid ground plane.
AVDD has a constant power consumption that is independent of the
update rate. The main caution for this rail is ensuring that noise
level is low in the high frequencies, where AC PSRR is lower.
DVDD has a variable power consumption that depends on the
update rate and the SPI bus mode. Dynamic current has fast
variations that cause the rail to be noisy. If DVDD is derived from
AVDD, a filter is recommended in addition to the LDO to completely
remove the effect on the DAC output.
VLOGIC has very low current demand that depends on the SPI bus
mode and clock rate. Power consumption is maximum in readout
operations in dual SPI mode.
The recommended decoupling for the supply rails and the analog
lines is shown in Figure 96.
RFB1_0
RFB2_0
RFB4_0
VOUT0
CFB0
AD3541R
Figure 96. Recommended Application Circuit
The decoupling capacitors on CVREF can be adjusted to achieve
the desired trade-off between noise corner frequency and power-up
glitch amplitude.
The CFB0 and CFB1 capacitors are used to adjust the bandwidth
of the internal TIA to achieve the optimal step response with the
minimum overshoot.
Use capacitors with NP0 dielectric for the feedback capacitors
and any other capacitors on the path of the output voltage to
avoid the derating caused by low frequency voltage variations.
The decoupling capacitors for the supply rails and CVREF can use
materials with high dielectric constant because the voltage on these
lines is constant.
LAYOUT GUIDELINES
The pin configuration of the AD3541R, shown in Figure 9, is
arranged in a way that facilitates the layout of the EVAL-AD3542R.
Note that the EVAL-AD3542R can be used to evaluate the
AD3541R. Most digital high speed lines are located on one side
of the chip, with the analog functions of the DAC distributed along
the other three sides. This arrangement allows routing the digital
lines straight away from the analog functions, leaving space for
analog parts to be placed around the other three sides, as shown in
Figure 97.
Figure 97. EVAL-AD3542R Component Arrangement and Layout
The following list is a few recommendations to observe to obtain the
best performance:
►
Keep the CFBx capacitors close to the AD3541R with short
traces to minimize noise pickup because it is connected to a high
impedance node internally.
►
Keep switching regulators and fast dV/dt signals away from the
feedback loops of the DAC. Any μA induced on these lines
becomes a mV at the output of the DAC.
►
Do not overlap analog and digital signals. If a crossing cannot be
avoided, it must be done at 45° or 90°.
►
Route digital lines using traces with a constant characteristic
impedance to avoid signal integrity problems that result in timing
violations in DDR mode and crosstalk between signals. The
traces must have a continuous ground plane in an adjacent
layer. When changing layers, ensure that the destination layer is
referred to another ground plane and the traces have the same
characteristic impedance. Place a via connecting both ground
planes near the via of the digital line. If the destination layer
is referred to a power plane, it must be continuous along the
path of the line and a decoupling capacitor between power and
ground must be placed close to the via of the digital line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com