Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 55 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 55 Page - Analog Devices

Back Button AD3552R Datasheet HTML 51Page - Analog Devices AD3552R Datasheet HTML 52Page - Analog Devices AD3552R Datasheet HTML 53Page - Analog Devices AD3552R Datasheet HTML 54Page - Analog Devices AD3552R Datasheet HTML 55Page - Analog Devices AD3552R Datasheet HTML 56Page - Analog Devices AD3552R Datasheet HTML 57Page - Analog Devices AD3552R Datasheet HTML 58Page - Analog Devices AD3552R Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 55 of 59
Table 44. Bit Descriptions for SW_LDAC_16B
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
SW_LDAC_CH0
Software LDAC for Channel 0. Setting this bit transfers contents from the
CH0_INPUT_16B register to the CH0_DAC_16B register. This bit automatically resets
after being written.
0x0
W
0 No operation.
1 Load DAC 0.
Input Register for Channel 0, Fast Mode
Address: 0x33, Reset: 0x0000, Name: CH0_INPUT_16B
This register contains the data to be transferred to the DAC register using one of the various trigger options, hardware LDAC, software LDAC,
or automatic transfer.
Table 45. Bit Descriptions for CH0_INPUT_16B
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
INPUT_DATA0
Channel 0 Input Data.
0x0
R/W
Hardware LDAC Mask Register, Precision Mode
Address: 0x37, Reset: 0x00, Name: HW_LDAC_24B
This register controls the masking of the external LDAC signal to latch data into the DAC register.
Table 46. Bit Descriptions for HW_LDAC_24B
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
HW_LDAC_MASK_CH0
Hardware LDAC Mask for Channel 0. This bit controls the latching of data
into the DAC register when the LDAC signal is asserted.
0x0
R/W
0 Data is latched in DAC Register 0 when the LDAC pin is asserted.
1 LDAC signal masked for Channel 0. DAC register is not updated when
LDAC is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com