Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 192 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 192 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 188Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 189Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 190Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 191Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 192Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 193Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 194Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 195Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 196Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
190
Register 0x34 (cr20): RPCIM status register (RPCISTAT)
Bit
Type
Function
Default
Bit 15 to 12
R
S[3:0]
0
Bit 11 to 8
Unused
0
Bit 7
R
RWR_GT
0
Bit 6
R
DMAPWR_GT
0
Bit 5
R
RWR_RQ
0
Bit 4
R
DMAPWR_RQ
0
Bit 3
R
RRD_GT
0
Bit 2
R
DMAPRD_GT
0
Bit 1
R
RRD_RQ
0
Bit 0
R
DMAPRD_RQ
0
S[3:0]:
Current state of RPCIM state machine
RWR_GT:
Write grant to RPCIM for access to internal PCI_BIU master write interface.
DMAPWR_GT:
Write grant to other DMA channels for access to internal PCI_BIU master
write interface.
RWR_RQ:
RPCIM Request for access to internal PCI_BIU master write interface.
DMAPWR_RQ:
other DMA channels Request access to internal PCI_BIU master write
interface.
RRD_GT:
Read grant to RPCIM for access to internal PCI_BIU master read interface.
DMAPRD_GT:
Read grant to other DMA channels for access to internal PCI_BIU master
read interface.
RRD_RQ:
RPCIM Request for access to internal PCI_BIU master read interface.
DMAPRD_RQ:
DMA Request for access to internal PCI_BIU master read interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com