Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 189 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 189 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 185Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 186Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 187Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 188Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 189Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 190Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 191Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 192Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 193Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
187
with D0 representing the data read from ByteReadAddress and D4 the data be read
from "ByteReadAddress+4" the Switch Processor firmware must do the following:
•
write RPCIMADDRh/l register to "ByteReadAddress"
•
write the RPCICMD register:
BYTECOUNT=8'h5, cmd[1:0]=memory_read_cmd
•
the read transaction will then occur on the PCI bus. After the transaction has
completed and all 5 data bytes are in the RPCIM data FIFO, the rpcim_done
interrupt is asserted.
• during the firmware service routine the Switch Processor will read the
RPCIDATA register:
• 1st read from RPCIDATA returns first two data bytes: {D0,D1}
• 2nd read from RPCIDATA returns next two data bytes: {D2,D3}
• 3rd read from RPCIDATA returns the last data byte: {D4,8'hX}
RPCIM: zero-length transactions
If the Switch Processor firmware tries to initiate an RPCIM transaction having a
BYTECOUNT of size `0' then the RPCIM internal state machine will not leave state
IDLE.
RPCIM: writing to RPCICMD.BYTECOUNT field if the RPCIM is not IDLE
If the `rpcim_idle' coprocessor test condition line returns 0 (indicating that the RPCIM
module has a transaction in progress) then the BYTECOUNT field of the RPCICMD
register must NOT be written. Doing so will lead to unexpected and possibly fatal
results (i.e. PCI bus master error).
RPCIM: internal arbitration to PCI_BIU shared hardware resources
Since the RPCIM must share the PCI_BIU master write and read hardware with other
PCI (i.e. DMA) write and read channels on the PM3351 there must be some way to
determine which consumer is getting access to the interface. This is accomplished
using a simple request-grant protocol.
On the PM3351 the request/grant protocol betweent the RPCIM logic and the various
other DMA channels is done completely in hardware and is transparent to the
programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com