Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 185 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 185 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 181Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 182Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 183Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 184Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 185Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 186Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 187Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 188Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 189Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
183
• the value of the selected counter can be read from the CTRDATA
register using the MOVE assembly instruction.
The Switch Processor can WRITE a selected Request or Acknowledge
counter as follows:
• the CTRSEL register is written with the CTRSEL.en_wr_counter bit
set (1) and the CTRSEL[3:0] field set to access the desired counter.
• the Switch Processor uses the MOVE or LDI assembly instructions to
write the desired value to the CTRDATA register.
• on the cycle after CTRDATA is written by the Switch Processor the
write data updates the selected Request/Acknowledge counter.
RPCIM Functional Block (PCI access DMA channel)
The purpose of the RPCIM logic block on the PM3351 is to allow the Switch Processor
to directly initiate PCI bus master transactions:
•
memory read transactions
•
memory write transactions
•
configuration read transactions
•
configuration write transactions
In normal Ethernet switching applications firmware will only utilize the RPCIM logic
during system initialization; it is the various dedicated DMA channels on the PM3351
that are used to initiate all of the PCI master transactions on the PCI expansion bus that
are required by the ELAN switch protocol. During system initialization all of the PCI bus
transactions that the Master chip in a system does to initialize Slave chips is done
utilizing the RPCIM logic block.
Outline of RPCIM memory/configuration WRITE transactions:
For write transfers, the data to be written to the PCI bus must be broken up into a
sequence of transactions that are from 1 to 63 bytes in size. The data to be written to
the PCI bus is held in an internal RPCIM data FIFO which is accessible via writes to
the RPCIDATA register. The data FIFO write pointer is auto-incremented on each write
to the RPCIDATA register. The transfer is initiated by writing to a series of Switch
Processor accessible control registers: RPCIADDR (address) and RPCICMD
(command related). The write to the RPCICMD register signals the RPCIM internal
state machine to start the PCI master write transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com