Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 182 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 182 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 178Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 179Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 180Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 181Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 182Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 183Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 184Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 185Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 186Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
180
This is used by the Switch Processor firmware during service of an
Acknowledge Interrupt. Implementation of ACKID_NUM is similar to
REQID_NUM with the following differences:
• there is an acknowledge snapshot register
• the Switch Processor does an “ACK_DEC” flip to signal completion of
the service routine for the selected ACKID_NUM.
Register 0x2B (cr11): Task counter (TASKCTR)
Bit
Type
Function
Default
Bit 15 to 0
R/W
TCOUNT[15:0]
0
TCOUNT[15:0]:
This register implements a 16-bit up-down counter. The counter is
incremented and decremented under control of the Switch Processor:
• the counter is incremented if the task counter increment flip is asserted
(task_inc).
• the counter is decremented if the task counter decrement flip is
asserted (task_dec) –AND- task_inc is not simultaneously asserted.
• If the TCOUNT[15:0] register is non-zero, the TaskCounter interrupt is
asserted to the Switch Processor.
Note: the present firmware implementation of the PM3351 does not use this
counter. It may be used in future firmware releases.
Register 0x2C: DMA next free packet buffer low (cr12)
Bit
Type
Function
Default
Bit 15 to 0
R/W
NFREE[15:0]
0
Register 0x2D: DMA next free packet buffer high (cr13)
Bit
Type
Function
Default
Bit 15 to 8
Unused
X
Bit 7 to 0
R/W
NFREE[23:16]
0
NFREE[23:0]:
The next free pointer is the address in local memory of the next available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com