Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 180 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 180 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 176Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 177Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 178Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 179Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 180Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 181Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 182Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 183Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 184Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
178
Register 0x24: DMA freelist pointer low (cr4)
Bit
Type
Function
Default
Bit 15 to 0
R/W
FLIST[15:0]
0
Register 0x25: DMA freelist pointer high (cr5)
Bit
Type
Function
Default
Bit 15 to 8
Unused
X
Bit 7 to 0
R/W
FLIST[23:16]
0
FLIST[23:0]:
The freelist pointer locates the head of the linked list of free packet buffers
within the local memory. These registers are modified by either writes by the
RISC or by the DMA upon transfer of the packet buffer.
Register 0x26: Memory Register Bank Address (MREG_ADDR, cr6)
Register 0x27: Memory Register Bank Data (MREG_DATA, cr7)
The on-chip memory interface contains several registers that are accessible
over the PCI bus via the two registers MREG_ADDR and MREG_DATA. The
user writes the applicable register select value to the MREG_ADDR register
and then performs a read (or write) to the MREG_DATA register to perform a
PCI bus read (or write) operation to the target register.
These registers are accessible by the PCI expansion bus. Refer to the PCI
Accessible Registers section for details on the use of these registers.
Register 0x29 (cr9): Request info (REQID)
Bit
Type
Function
Default
Bit 15
R
REQID_VALID
0
Bit 14
R
REQ_INT
0
Bit 13 to 7
Unused
0
Bit 6 to 4
R
REQID_NUM[2:0]
0x7
Bit 3 to 0
Unused
0
REQID_VALID:
Valid bit - there is a Request pending. Qualifies REQID_NUM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com