Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 172Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 173Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 174Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 175Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 176Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 177Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 178Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 179Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
174
Device Control Registers
Register 0x20: DMA control word (cr0)
Bit
Type
Function
Default
Bit 15
R/W
DMCR_enhpcirdmode
0
Bit 14
R/W
DMCR_pci_rd
0
Bit 13
R/W
DMCR_lbk
0
Bit 12
R/W
DMCR_drst
0
Bit 11
Unused
X
Bit 10
R/W
DMCR_pincen
0
Bit 9
R/W
DMCR_pwren
0
Bit 8
R/W
DMCR_prden
0
Bit 7
R/W
DMCR_ch7en
0
Bit 6
R/W
DMCR_ch6en
0
Bit 5
R/W
DMCR_ch5en
0
Bit 4
R/W
DMCR_ch4en
0
Bit 3
R/W
DMCR_ch3en
0
Bit 2
R/W
DMCR_ch2en
0
Bit 1
R/W
DMCR_ch1en
0
Bit 0
R/W
DMCR_ch0en
0
DMCR_ch0en:
Active high enable for local MAC channel 0
DMCR_ch1en:
Active high enable for local MAC channel 1
DMCR_ch2en:
Active high enable for local MAC channel 2
DMCR_ch3en:
Active high enable for local MAC channel 3
DMCR_ch4en:
Active high enable for local MAC channel 4
DMCR_ch5en:
Active high enable for local MAC channel 5
DMCR_ch6en:
Active high enable for local MAC channel 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com