Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 184 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 184 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 180Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 181Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 182Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 183Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 184Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 185Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 186Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 187Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 188Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
182
CTRSEL[3:0]:
Selects the counter to view .
CTRSEL[3:0]
CTRDATA[11:0]
0000
rcountq0
0001
rcountq1
0010
rcountq2
0011
rcountq3
0100
rcountq4
0101
rcountq5
0110
rcountq6
0111
rcountq7
1000
acountq0
1001
acountq1
1010
acountq2
1011
acountq3
1100
acountq4
1101
acountq5
1110
acountq6
1111
acountq7
Register 0x2F: Request/ack counter data reg (cr15)
Bit
Type
Function
Default
Bit 15 to 0
R/W
CTRDATA[15:0]
0
During normal switching applications the CTRDATA register will be left in the
default state and is unused. It is implemented solely for factory test.
CTRDATA[15:0]:
The data from the selected counter bank. This allows the Switch Processor
to read or write one of the eight RCOUNT or eight ACOUNT registers that are
also mapped into the PCI host register space.
The Switch Processor can READ a selected Request or Acknowledge
counter as follows:
• the CTRSEL register is written with the CTRSEL.en_wr_counter bit
clear (0) and the CTRSEL[3:0] field set to access the desired counter.
• there is a minimum of one processor delay slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com