Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 187 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 187 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 183Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 184Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 185Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 186Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 187Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 188Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 189Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 190Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 191Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
185
•
whether the entire block transfer will occur on the PCI bus as a single PCI bus
transaction (which may result in greater latency of other internal PCI master
read consumers to complete a PCI read transaction). The maximum number of
bytes that can be read in a single transaction by the PM3351 is 255.
•
or as a series of 1-64 bytes transactions.
The PCI read transaction will occur on the PCI bus as one burst read transaction.
The PCI read transfer is initiated by writing the RPCIADDR and RPCICMD registers.
The write to the RPCICMD register signals the RPCIM internal state machine to start
the PCI master read or configuration read transaction. The RPCIM must arbitrate with
the other internal DMA channels that can initiate PCI read transactions for access to a
shared hardware resource: the Master Read Command (MCF) and Master Read Data
(MRF) FIFOs that are part of the internal PCI bus interface logic (PCI_BIU). The arbiter
for access to the MCF/MRF FIFOs is internal to the RPCIM logic. The grant for the
read interface, `rrd_gt', is set on the cycle before the RPCIM logic writes the MCF CMD
word to the MCF FIFO.
When the desired read transaction is occuring on the PCI bus the read data is written
into the internal RPCIM data FIFO until the first of these occur:
•
64 bytes of data have been read from the MRF FIFO
•
or the internal BYTECOUNT size field has decremented to 0 indicating that all
data has been read.
The rpcim_done line is asserted indicating that the Switch Processor can burst read the
RPCIMDATA register to access the read data. Coincident with assertion of rpcim_done,
if the next_BYTECOUNT field has decremented to `0' then the internal arbiter bit
"rrd_gt" is deasserted (this will always be true if RPCIM.BYTECOUNT is never written to
greater than 64). next_BYTECOUNT is an internal counter that is preloaded with
BYTECOUNT and decrements as data is read.
The Switch Processor takes the rpcim_done interrupt:
•
Switch Processor reads the read data from the RPCIMDATA control register.
Every read returns either one or two valid data bytes and increments the internal
RPCIM data register address and decrements next_BYTECOUNT.
•
after the Switch Processor has read all of the data that it wants to read out of
the RPCIM data FIFO it pulses the `clr_rpcim_done' line.
Upon assertion of the `clr_rpcim_done' line the rpcim_done line is deasserted and
next_BYTECOUNT is assigned to RPCIM.BYTECOUNT. If RPCIM.BYTECOUNT is `0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com