Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 190 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 190 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 186Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 187Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 188Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 189Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 190Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 191Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 192Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 193Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 194Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
188
Register 0x30 (cr16): RPCIM command register (RPCIMCMD)
Bit
Type
Function
Default
15
Unused
0
14
R
MERR
0
13
R/W
MERGE
0
12
R/W
BSWP
0
11:10
Unused
0
9:8
R/W
CMD
0
7:0
R/W
BYTECOUNT
0
MERR:
PCI Bus Interface logic Master Error status.
MERGE:
this is the value of the `merge' bit in the command word written to the
PCI_BIU MWF/MCF FIFO. It must be written to a logic 0 for correct device
operation (a PCI bus transaction master abort will occur if the bit is incorrectly
written to a logic 1).
BSWP:
this is the value of the `byteswap' bit in the command word written to the
MWF/MCF FIFO. Byte-swap swaps the way that bytes are presented on the
PCI bus (refer to description on Byte Ordering for additional details).
CMD[1:0]:
Defines type of transfer to be performed.
• 00 - memory read command
• 01 - memory write command
• 10 - configuration read command
• 11 - configuration write commands
BYTECOUNT[7:0]:
Byte count of PCI transaction. When non-zero, a PCI transaction will be
initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com