Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 183 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 183 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 179Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 180Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 181Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 182Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 183Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 184Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 185Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 186Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 187Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
181
packet buffer. These registers are modified by either writes by the RISC or
by the DMA upon transfer of the packet buffer.
Register 0x2E: Request/ack counter select reg (cr14)
Bit
Type
Function
Default
Bit 15
R/W
CTRSELTM
0
Bit 14
R/W
EN_WR_COUNTER
0
Bit 13
R/W
DISABLE_REQ_INT
0
Bit 12
R/W
DISABLE_ACK_INT
0
Bit 11 to 4
Unused
0
Bit 3 to 0
R/W
CTRSEL[3:0]
0
During normal switching applications the CTRLSEL register will be left in the
default state and is unused. It is implemented solely for factory test.
CTRSELTM:
The testmode bit for counter bank testing. This bit must be a logic 0.
EN_WR_COUNTER:
When set to a logic 1, this bit allows req/ack counters to be written by the
Switch Processor.
DISABLE_REQ_INT:
When set to a logic 1, this bit disables the generation of the REQ_INT
interrupt line.
DISABLE_ACK_INT:
When set to a logic 1, this bit disables the generation of the ACK_INT
interrupt line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com