Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 103 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 103 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 99Page - Silicon Laboratories C8051F360 Datasheet HTML 100Page - Silicon Laboratories C8051F360 Datasheet HTML 101Page - Silicon Laboratories C8051F360 Datasheet HTML 102Page - Silicon Laboratories C8051F360 Datasheet HTML 103Page - Silicon Laboratories C8051F360 Datasheet HTML 104Page - Silicon Laboratories C8051F360 Datasheet HTML 105Page - Silicon Laboratories C8051F360 Datasheet HTML 106Page - Silicon Laboratories C8051F360 Datasheet HTML 107Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 288 page
background image
Rev. 1.0
103
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 9.8. PSW: Program Status Word
Bit 7:
CY: Carry Flag.
This bit is set when the last arithmetic operation resulted in a carry (addition) or a borrow
(subtraction). It is cleared to 0 by all other arithmetic operations.
Bit 6:
AC: Auxiliary Carry Flag
This bit is set when the last arithmetic operation resulted in a carry into (addition) or a borrow
from (subtraction) the high order nibble. It is cleared to 0 by all other arithmetic operations.
Bit 5:
F0: User Flag 0.
This is a bit-addressable, general purpose flag for use under software control.
Bits 4–3: RS1–RS0: Register Bank Select.
These bits select which register bank is used during register accesses.
Bit 2:
OV: Overflow Flag.
This bit is set to 1 under the following circumstances:
• An ADD, ADDC, or SUBB instruction causes a sign-change overflow.
• A MUL instruction results in an overflow (result is greater than 255).
• A DIV instruction causes a divide-by-zero condition.
The OV bit is cleared to 0 by the ADD, ADDC, SUBB, MUL, and DIV instructions in all other
cases.
Bit 1:
F1: User Flag 1.
This is a bit-addressable, general purpose flag for use under software control.
Bit 0:
PARITY: Parity Flag.
This bit is set to 1 if the sum of the eight bits in the accumulator is odd and cleared if the sum
is even.
SFR Page:
SFR Address:
all pages
0xD0
(bit addressable)
R/WR/WR/WR/WR/WR/WR/W
R
Reset Value
CY
AC
F0
RS1
RS0
OV
F1
PARITY 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RS1
RS0
Register Bank
Address
0
0
0
0x00–0x07
0
1
1
0x08–0x0F
1
0
2
0x10–0x17
1
1
3
0x18–0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com