Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 104 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 104 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 100Page - Silicon Laboratories C8051F360 Datasheet HTML 101Page - Silicon Laboratories C8051F360 Datasheet HTML 102Page - Silicon Laboratories C8051F360 Datasheet HTML 103Page - Silicon Laboratories C8051F360 Datasheet HTML 104Page - Silicon Laboratories C8051F360 Datasheet HTML 105Page - Silicon Laboratories C8051F360 Datasheet HTML 106Page - Silicon Laboratories C8051F360 Datasheet HTML 107Page - Silicon Laboratories C8051F360 Datasheet HTML 108Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
104
Rev. 1.0
SFR Definition 9.9. ACC: Accumulator
Bits 7–0: ACC: Accumulator.
This register is the accumulator for arithmetic operations.
SFR Page:
SFR Address:
all pages
0xE0
(bit addressable)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Definition 9.10. B: B Register
Bits 7–0: B: B Register.
This register serves as a second accumulator for certain arithmetic operations.
SFR Page:
SFR Address:
all pages
0xF0
(bit addressable)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
B.7
B.6
B.5
B.4
B.3
B.2
B.1
B.0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
9.5.
Power Management Modes
The CIP-51 core has two software programmable power management modes: Idle and Stop. Idle mode
halts the CPU while leaving the external peripherals and internal clocks active. In Stop mode, the CPU is
halted, all interrupts and timers (except the Missing Clock Detector) are inactive, and the system clock is
stopped. Since clocks are running in Idle mode, power consumption is dependent upon the system clock
frequency and the number of peripherals left in active mode before entering Idle. Stop mode consumes the
least power. SFR Definition 9.11 describes the Power Control Register (PCON) used to control the CIP-
51's power management modes.
Although the CIP-51 has Idle and Stop modes built in (as with any standard 8051 architecture), power
management of the entire MCU is better accomplished by enabling/disabling individual peripherals as
needed. Each analog peripheral can be disabled when not in use and put into low power mode. Digital
peripherals, such as timers or serial buses, draw little power whenever they are not in use. Turning off the
Flash memory saves power, similar to entering Idle mode. Turning off the oscillator saves even more
power, but requires a reset to restart the MCU.
The C8051F36x devices feature an additional low-power SUSPEND mode, which stops the internal oscil-
lator until an awakening event occurs. See Section “16.1.1. Internal Oscillator Suspend Mode” on
page 170 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com