Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 138 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 138 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 134Page - Silicon Laboratories C8051F360 Datasheet HTML 135Page - Silicon Laboratories C8051F360 Datasheet HTML 136Page - Silicon Laboratories C8051F360 Datasheet HTML 137Page - Silicon Laboratories C8051F360 Datasheet HTML 138Page - Silicon Laboratories C8051F360 Datasheet HTML 139Page - Silicon Laboratories C8051F360 Datasheet HTML 140Page - Silicon Laboratories C8051F360 Datasheet HTML 141Page - Silicon Laboratories C8051F360 Datasheet HTML 142Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
138
Rev. 1.0
13.2. Security Options
The CIP-51 provides security options to protect the Flash memory from inadvertent modification by soft-
ware as well as to prevent the viewing of proprietary program code and constants. The Program Store
Write Enable (bit PSWE in register PSCTL) and the Program Store Erase Enable (bit PSEE in register
PSCTL) bits protect the Flash memory from accidental modification by software. PSWE must be explicitly
set to ‘1’ before software can modify the Flash memory; both PSWE and PSEE must be set to ‘1’ before
software can erase Flash memory. Additional security features prevent proprietary program code and data
constants from being read or altered across the C2 interface.
A Security Lock Byte located at the last byte of Flash user space offers protection of the Flash program
memory from access (reads, writes, or erases) by unprotected code or the C2 interface. The Flash security
mechanism allows the user to lock n 1024-byte Flash pages, starting at page 0 (addresses 0x0000 to
0x03FF), where n is the 1’s complement number represented by the Security Lock Byte. Note that the
page containing the Flash Security Lock Byte is unlocked when no other Flash pages are locked
(all bits of the Lock Byte are ‘1’) and locked when any other Flash pages are locked (any bit of the
Lock Byte is ‘0’). See the example below for an C8051F360.
Access limit set
according to the Flash
security lock byte
0x0000
0x3FFF
Lock Byte
Reserved
0x3FFE
0x4000
Flash memory organized
in 1024-byte pages
0x3C00
Unlocked Flash Pages
Locked when any
other Flash pages are
locked
0x0000
0x7BFF
Lock Byte
Reserved
0x7BFE
0x7C00
0x7800
Unlocked Flash Pages
‘F360/1/2/3/4/5/6/7
'F368/9
Figure 13.1. Flash Program Memory Map
Security Lock Byte:
11111101b
1’s Complement:
00000010b
Flash pages locked:
3 (First two Flash pages + Lock Byte Page)
Addresses locked:
0x0000 to 0x07FF (first two Flash pages) and
0x7800 to 0x7BFF (Lock Byte Page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com