Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 142 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 142 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 138Page - Silicon Laboratories C8051F360 Datasheet HTML 139Page - Silicon Laboratories C8051F360 Datasheet HTML 140Page - Silicon Laboratories C8051F360 Datasheet HTML 141Page - Silicon Laboratories C8051F360 Datasheet HTML 142Page - Silicon Laboratories C8051F360 Datasheet HTML 143Page - Silicon Laboratories C8051F360 Datasheet HTML 144Page - Silicon Laboratories C8051F360 Datasheet HTML 145Page - Silicon Laboratories C8051F360 Datasheet HTML 146Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
142
Rev. 1.0
SFR Definition 13.1.
Bits 7–2: UNUSED. Read = 000000b, Write = don't care.
Bit 1:
PSEE: Program Store Erase Enable.
Setting this bit allows an entire page of the Flash program memory to be erased provided
the PSWE bit is also set. After setting this bit, a write to Flash memory using the MOVX
instruction will erase the entire page that contains the location addressed by the MOVX
instruction. The value of the data byte written does not matter. Note: The Flash page con-
taining the Read Lock Byte and Write/Erase Lock Byte cannot be erased by software.
0: Flash program memory erasure disabled.
1: Flash program memory erasure enabled.
Bit 0:
PSWE: Program Store Write Enable.
Setting this bit allows writing a byte of data to the Flash program memory using the MOVX
write instruction. The location must be erased prior to writing data.
0: Write to Flash program memory disabled. MOVX write operations target External RAM.
1: Write to Flash program memory enabled. MOVX write operations target Flash memory.
SFR Page:
SFR Address:
0
0x8F
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
–
–
–
–
–
–
PSEE
PSWE
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PSCTL: Program Store Read/Write Control
SFR Definition 13.2. FLKEY: Flash Lock and Key
Bits 7–0: FLKEY: Flash Lock and Key Register
Write:
This register provides a lock and key function for Flash erasures and writes. Flash writes
and erases are enabled by writing 0xA5 followed by 0xF1 to the FLKEY register. Flash
writes and erases are automatically disabled after the next write or erase is complete. If any
writes to FLKEY are performed incorrectly, or if a Flash write or erase operation is attempted
while these operations are disabled, the Flash will be permanently locked from writes or era-
sures until the next device reset. If an application never writes to Flash, it can intentionally
lock the Flash by writing a non-0xA5 value to FLKEY from software.
Read:
When read, bits 1-0 indicate the current Flash lock state.
00: Flash is write/erase locked.
01: The first key code has been written (0xA5).
10: Flash is unlocked (writes/erases allowed).
11: Flash writes/erases disabled until the next reset.
SFR Page:
SFR Address:
0
0xB7
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com