Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 140 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 140 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 136Page - Silicon Laboratories C8051F360 Datasheet HTML 137Page - Silicon Laboratories C8051F360 Datasheet HTML 138Page - Silicon Laboratories C8051F360 Datasheet HTML 139Page - Silicon Laboratories C8051F360 Datasheet HTML 140Page - Silicon Laboratories C8051F360 Datasheet HTML 141Page - Silicon Laboratories C8051F360 Datasheet HTML 142Page - Silicon Laboratories C8051F360 Datasheet HTML 143Page - Silicon Laboratories C8051F360 Datasheet HTML 144Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
140
Rev. 1.0
13.3. Flash Write and Erase Guidelines
Any system which contains routines which write or erase Flash memory from software involves some risk
that the write or erase routines will execute unintentionally if the CPU is operating outside its specified
operating range of VDD, system clock frequency, or temperature. This accidental execution of Flash modi-
fying code can result in alteration of Flash memory contents causing a system failure that is only recover-
able by re-Flashing the code in the device.
To help prevent the accidental modification of Flash by firmware, the VDD Monitor must be enabled and
enabled as a reset source on C8051F36x devices for the Flash to be successfully modified. If either the
VDD Monitor or the VDD Monitor reset source is not enabled, a Flash Error Device Reset will be gen-
erated when the firmware attempts to modify the Flash.
The following guidelines are recommended for any system that contains routines which write or erase
Flash from code.
13.3.1. VDD Maintenance and the VDD Monitor
1. If the system power supply is subject to voltage or current "spikes," add sufficient transient
protection devices to the power supply to ensure that the supply voltages listed in the Absolute
Maximum Ratings table are not exceeded.
2. Make certain that the minimum VDD rise time specification of 1 ms is met. If the system cannot
meet this rise time specification, then add an external VDD brownout circuit to the /RST pin of
the device that holds the device in reset until VDD reaches VRST and re-asserts /RST if VDD
drops below VRST. Please see Table 12.1, “Reset Electrical Characteristics,” on page 134 for
more information on the VDD Monitor Threshold voltage (VRST).
3. Keep the on-chip VDD Monitor enabled and enable the VDD Monitor as a reset source as early
in code as possible. This should be the first set of instructions executed after the Reset Vector.
For 'C'-based systems, this will involve modifying the startup code added by the 'C' compiler.
See your compiler documentation for more details. Make certain that there are no delays in
software between enabling the VDD Monitor and enabling the VDD Monitor as a reset source.
Code examples showing this can be found in AN201, "Writing to Flash from Firmware", avail-
able from the Silicon Laboratories web site.
Note: On C8051F36x devices, both the VDD Monitor and the VDD Monitor reset source must
be enabled to write or erase Flash without generating a Flash Error Device Reset.
4. As an added precaution, explicitly enable the VDD Monitor and enable the VDD Monitor as a
reset source inside the functions that write and erase Flash memory. The VDD Monitor enable
instructions should be placed just after the instruction to set PSWE to a '1', but before the
Flash write or erase operation instruction.
5. Make certain that all writes to the RSTSRC (Reset Sources) register use direct assignment
operators and explicitly DO NOT use the bit-wise operators (such as AND or OR). For exam-
ple, "RSTSRC = 0x02" is correct, but "RSTSRC |= 0x02" is incorrect.
6. Make certain that all writes to the RSTSRC register explicitly set the PORSF bit to a '1'. Areas
to check are initialization code which enables other reset sources, such as the Missing Clock
Detector or Comparator, for example, and instructions which force a Software Reset. A global
search on "RSTSRC" can quickly verify this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com